Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B260AE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B260AE
Description  2.0A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B260AE Datasheet(HTML) 1 Page - Diodes Incorporated

  B260AE Datasheet HTML 1Page - Diodes Incorporated B260AE Datasheet HTML 2Page - Diodes Incorporated B260AE Datasheet HTML 3Page - Diodes Incorporated B260AE Datasheet HTML 4Page - Diodes Incorporated B260AE Datasheet HTML 5Page - Diodes Incorporated B260AE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B250AE(BE)-B260AE(BE)
Document number: DS39271 Rev. 5 - 2
1 of 6
www.diodes.com
January 2020
© Diodes Incorporated
B250AE-B260AE
B250BE-B260BE
2.0A SCHOTTKY BARRIER RECTIFIER
Product Summary
B250AE/B260AE
B250BE/B260BE
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (mA)
@ +25°C
50
2
0.65
0.10
60
2
0.65
0.20
Description and Applications
The Schottky rectifier providing low VF and excellent reverse leakage
stability at high temperatures, this device is ideal for use in general
rectification applications such as:
Boost Diode
Blocking Diode
Recirculating Diode
Features and Benefits
Reduced Low Forward Voltage Drop (VF); Better Efficiency and
Cooler Operation
Reduced
High-Temperature
Reverse
Leakage;
Increased
Reliability against Thermal Runaway Failure in High Temperature
Operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SMA, SMB
Case Material: M
olded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: SMA-0.063 grams (Approximate)
SMB-0.093 grams (Approximate)
Ordering Information (Notes 4, 5)
Part Number
Case
Packaging
Status
Replacement
B250AE-13
SMA
5,000/Tape & Reel
NRND
B250A-13-F
B260AE-13
SMA
5,000/Tape & Reel
Active
—
B250BE-13
SMB
3,000/Tape & Reel
NRND
B250-13-F
B260BE-13
SMB
3,000/Tape & Reel
Active
—
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
5. NRND: Not recommended for new design.
Marking Information
SMA
B2XXAE = Product Type Marking Code, ex: B250AE
= Manufacturers’ Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 for 2020)
WW = Week Code (01 to 53)
Green
Top View
SMA/SMB
Bottom View
B2XXAE
YWW


Similar Part No. - B260AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B260A DIODES-B260A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Weitron Technology
B260A WEITRON-B260A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B260A DIODES-B260A Datasheet
356Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S13004 Rev. 13 - 2
logo
Galaxy Semi-Conductor H...
B260A BILIN-B260A Datasheet
83Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
B260A CTC-B260A Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B260AE

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
SR220 WTE-SR220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB240 DIODES-SB240 Datasheet
62Kb / 2P
2.0A SCHOTTKY BARRIER RECTIFIER
DS30193 Rev. B-0
logo
Unisonic Technologies
SB240 UTC-SB240 Datasheet
122Kb / 4P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B2100AF DIODES-B2100AF_15 Datasheet
514Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
SS2020FL YENYO-SS2020FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
Diodes Incorporated
B220AE DIODES-B220AE Datasheet
315Kb / 6P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B240S1F DIODES-B240S1F Datasheet
416Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
B2100AF DIODES-B2100AF Datasheet
513Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
March 2015
B260S1F DIODES-B260S1F Datasheet
417Kb / 5P
2.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com