Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B250AF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B250AF
Description  2.0A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B250AF Datasheet(HTML) 2 Page - Diodes Incorporated

  B250AF Datasheet HTML 1Page - Diodes Incorporated B250AF Datasheet HTML 2Page - Diodes Incorporated B250AF Datasheet HTML 3Page - Diodes Incorporated B250AF Datasheet HTML 4Page - Diodes Incorporated B250AF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B260AX
Document number: DS43591 Rev. 2 - 2
2 of 5
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
B260AX
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current
IO
2
A
Non-Repetitive Peak Forward Surge Current 1ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient (Note 6)
Thermal Resistance Junction to Case (Note 6)
RθJA
RθJC
80
30
°C/W
Operating and Storage Temperature Range (Note 6)
TJ, TSTG
-55 to +150
°C
Note:
6. Device mounted on FR-4 substrate, 0.4" x 0.5", 2oz, single-sided, PC boards with 0.2" x 0.25" copper pad. The heat generated must be less than the
thermal conductivity from junction to case: dPD/dTJ < 1/RθJC or junction to ambient: dPD/dTJ < 1/RθJA.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
0.45
0.40
0.52
0.48
V
IF = 2.0A, TJ = +25°C
IF = 2.0A, TJ = +125C
Leakage Current (Note 7)
IR
—
—
0.02
—
0.2
20
mA
VR = 60V, TJ = +25°C
VR = 60V, TJ = +100°C
Note:
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com