Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B320AQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B320AQ
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B320AQ Datasheet(HTML) 4 Page - Diodes Incorporated

  B320AQ Datasheet HTML 1Page - Diodes Incorporated B320AQ Datasheet HTML 2Page - Diodes Incorporated B320AQ Datasheet HTML 3Page - Diodes Incorporated B320AQ Datasheet HTML 4Page - Diodes Incorporated B320AQ Datasheet HTML 5Page - Diodes Incorporated B320AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B320AQ - B360AQ
Document number: DS39191 Rev. 2 - 2
4 of 6
www.diodes.com
February 2018
© Diodes Incorporated
B320AQ - B360AQ
t1, PULSE DURATION TIME (sec)
Fig 9 Transient Thermal Resistance
B320A-B340A
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 140癈 /W
Duty Cycle, D = t1/ t2

JA
JA
JA
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10000
P(pk)
t
1
t2
Note 7
t1, PULSE DURATION TIME (sec)
Fig 10 Transient Thermal Resistance
B350A-B360A
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 137癈 /W
Duty Cycle, D = t1/ t2

JA
JA
JA
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10000
P(pk)
t
1
t
2
Note 7
t , PULSE DURATION TIME (s)
1
Fig. 11 Single Pulse Maximum Power Dissipation
(B320A-B340A)
0
50
100
150
200
250
300
350
400
450
0.001 0.01
0.1
1
10
100
1000 10000
Single Pulse
R
= 140癈 /W
R
(t) = r(t) * R
T - T = P * R
(t)
Note 7

JA
JA
JA
J
A
JA
t , PULSE DURATION TIME (s)
1
Fig. 12 Single Pulse Maximum Power Dissipation
(B350A-B360A)
0
50
100
150
200
250
300
350
400
450
500
0.0001
0.01
1
100
10000
Single Pulse
R
= 137癈 /W
R
(t) = r(t) * R
T - T = P * R
(t)
Note 7

JA
JA
JA
J
A
JA
°C/W
°C/W
140°C/W
137°C/W
7
7
7
7
B320AQ-B340AQ
B350AQ-B360AQ
B320AQ-B340AQ
B350AQ-B360AQ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com