Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B345CE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B345CE
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B345CE Datasheet(HTML) 2 Page - Diodes Incorporated

  B345CE Datasheet HTML 1Page - Diodes Incorporated B345CE Datasheet HTML 2Page - Diodes Incorporated B345CE Datasheet HTML 3Page - Diodes Incorporated B345CE Datasheet HTML 4Page - Diodes Incorporated B345CE Datasheet HTML 5Page - Diodes Incorporated B345CE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B320BE-B345BE/B320CE-B345CE
Document number: DS38600 Rev. 3 - 2
2 of 6
www.diodes.com
January 2020
© Diodes Incorporated
B320BE-B345BE
B320CE-B345CE
Marking Information
SMB
SMC
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B320BE
B320CE
B330BE
B330CE
B340BE
B340CE
B345BE
B345CE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
20
30
40
45
V
Average Rectified Output Current
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 6) SMB
SMC
RθJA
90
70
°C/W
Typical Thermal Resistance Junction to Case (Note 6)
SMB
SMC
RθJC
50
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
0.46
0.41
0.50
—
V
IF = 3A, TA = +25°C
IF = 3A, TA = +125°C
B320BE/ B320CE
B330BE/ B330CE
Leakage Current (Note 7)
B340BE/ B340CE
B345BE/ B345CE
IR
—
—
—
—
—
—
—
—
—
30
0.10
0.15
0.20
0.30
—
mA
VR = 20V, TA = +25°C
VR = 30V, TA = +25°C
VR = 40V, TA = +25°C
VR = 45V, TA = +25°C
VR = 45V, TA = +125°C
Typical Capacitance
CT
—
140
—
pF
VR = 4.0V, f = 1MHz
Notes:
6. Device mounted on FR-4 substrate, 0.4"*0.5", 2oz, single-sided, PC boards with 0.2"*0.25" copper pad.
7. Short duration pulse test used to minimize self-heating effect.
B3XXBE = Product Type Marking Code, ex: B320BE
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 for 2020)
WW = Week Code (01 to 53)
YWW
YWW
B3XXBE
B3XXCE = Product Type Marking Code, ex: B320CE
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 for 2020)
WW = Week Code (01 to 53)
B3XXCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com