Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B340AF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B340AF
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340AF Datasheet(HTML) 3 Page - Diodes Incorporated

  B340AF Datasheet HTML 1Page - Diodes Incorporated B340AF Datasheet HTML 2Page - Diodes Incorporated B340AF Datasheet HTML 3Page - Diodes Incorporated B340AF Datasheet HTML 4Page - Diodes Incorporated B340AF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B340AF/B345AF
Document number: DS38974 Rev. 6 - 2
3 of 5
www.diodes.com
April 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
B340AF/B345AF
Note:
5. Device mounted on 2inch*2inch Al board.
0.01
0.1
1
10
100
0
200
400
600
800
V
F, INSTANTANEOUS FORWARD VOLTAGE (mV)
Figure 1. Typical Forward Characteristics
-55oC
25oC
85oC
125oC
150oC
1
10
100
1000
10000
100000
1000000
0
5
10
15
20
25
30
35
40
45
V
R, REVERSE VOLTAGE (V)
Figure 2. Typical Reverse Characteristics
25oC
85oC
125oC
150oC
1
10
100
1000
10000
100000
0
10
20
30
40
V
R, REVERSE VOLTAGE (V)
Figure 3. Typical Junction Capacitance
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
25
50
75
100
125
150
T
A, AMBIENT TEMPERATURE (℃)
Figure 4. DC Forward Current Derating
Note 5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
I
F(av), AVERAGE FORWARD CURRENT (A)
Figure 5. Forward Power Dissipation
T
J = 150
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com