Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360AF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B360AF
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360AF Datasheet(HTML) 3 Page - Diodes Incorporated

  B360AF Datasheet HTML 1Page - Diodes Incorporated B360AF Datasheet HTML 2Page - Diodes Incorporated B360AF Datasheet HTML 3Page - Diodes Incorporated B360AF Datasheet HTML 4Page - Diodes Incorporated B360AF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B350AF-B360AF
Document number: DS39246 Rev. 2 - 2
3 of 5
www.diodes.com
May 2017
© Diodes Incorporated
B350AF-B360AF
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-55℃
25℃
85℃
100℃
150℃
125℃
Figure 1. Typical Forward Characteristics
VF,INSTANTANEOUS FORWARD VOLTAGE (V)
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
25℃
85℃
125℃
150℃
100℃
Figure 2. Typical Reverse Characteristics
VR, REVERSE VOLTAGE (V)
10
100
1000
10000
0
10
20
30
40
50
60
V
R, REVERSE VOLTAGE (V)
f=1MHz
Figure 3. Typical Junction Capacitance
0
0.5
1
1.5
2
2.5
3
3.5
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (℃)
Figure 4. DC Forward Current Derating
Note 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com