Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-1112VC Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # FWA-1112VC
Description  Fanless Network Appliance for SD-WAN& uCPE Edge Deployment with Coming 5G & Wi-Fi 6 Support
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1112VC Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  FWA-1112VC Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1112VC Datasheet HTML 2Page - Advantech Co., Ltd. FWA-1112VC Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Network Appliances
FWA-1112VC
Ordering Information
Part No.
CPU
Core Fan-less
Ethernet
Console USB
3.0
So-DIMM
DDR4 slot
M.2 2280
SSD slot
M.2
3042/3052
LTE/5G slot
M.2 3042
2nd LTE
slot*
Mini-PCIe
Wifi slot*
M.2 2230
Wifi slot
eMMC* PoE*
DC
input
FWA-1112VC-4CA1S
Intel Atom®
C3558 2.2GHz
4
0 ~ 70 °C
(32 ~ 158 °F)
4 x RJ45 +
2 x 10G/1G SFP+
1 x RJ45 2
1
1
1
NA
NA
1
Optional
Optional
36W
FWA-1112VC-8CA1S
Intel Atom®
C3758 2.2GHz
8
0 ~ 60 °C
(32 ~ 140 °F)
4 x RJ45 +
2 x 10G/1G SFP+
1 x RJ45 2
1
1
1
NA
NA
1
Optional
Optional
36W
Packing List
Description
Qty
PW adaptor
1unit
FWA-1112VC system
1unit
Optional Accessories
Item
Description
PN
36W Power Cord
Canada, USA, Philippines,
Thailand, Taiwan
1700001524
Europe, Indonesia, Israel
170203183C
Malaysia, Singapore, UK
170203180A
Japan
1700008921
Korea
1700018409
China
1700019146
Brazil
1700022814-11
India
1700025113-11
Power Adaptor
AC-to-DC Adaptor, DC 12V 36W
96PSA-A36W12W7-5
PoE Adaptor
A/D 100-240V 65W 54V C14 4PIN
MINI HOUSING 62368
XFWA-FSP065-DWAN3
Mounting Kit
Wall Mount Kit
FWA-1112VC-WMK
Rack Mount Kit
FWA-1112VC-RMK
RF Kit
Wifi Kit
TBD
LTE Kit
TBD
Others
Console Cable
1700020691-01
Wall Mount Kit
Rack Mount Kit
Dimensions
Unit: mm
244.00
256.00 ±0.35
Ø3.50
Ø4.50
Ø7.50
110.00
110.00
461.20
4.00
4.00
479.20±0.35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com