Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LPQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS16LPQ
Description  SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16LPQ Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS16LPQ Datasheet HTML 1Page - Diodes Incorporated BAS16LPQ Datasheet HTML 2Page - Diodes Incorporated BAS16LPQ Datasheet HTML 3Page - Diodes Incorporated BAS16LPQ Datasheet HTML 4Page - Diodes Incorporated BAS16LPQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS16LPQ
Document number: DS43300 Rev. 2 - 2
3 of 5
www.diodes.com
September 2021
© Diodes Incorporated
BAS16LPQ
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
0
1.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.0001
0.1
0.01
0.001
1
10
100
0
10
20
30
40
50
60
70
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0
0.2
0.4
0.6
0.8
1.0
0
4
8 12 16 20 24 28 32 36 40
f = 1MHz
Fig. 4 Typical Total Capacitance
V , REVERSE VOLTAGE (V)
R
Note 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com