Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LPQ-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16LPQ-7
Description  SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16LPQ-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16LPQ-7 Datasheet HTML 1Page - Diodes Incorporated BAS16LPQ-7 Datasheet HTML 2Page - Diodes Incorporated BAS16LPQ-7 Datasheet HTML 3Page - Diodes Incorporated BAS16LPQ-7 Datasheet HTML 4Page - Diodes Incorporated BAS16LPQ-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS16LPQ
Document number: DS43300 Rev. 2 - 2
1 of 5
www.diodes.com
September 2021
© Diodes Incorporated
BAS16LPQ
SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
Ultra-Small Leadless Surface Mount Package
•
For General Purpose Switching Applications
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
The BAS16LPQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
•
Case: X1-DFN1006-2
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Marking Information
•
Terminals: Finish - NiPdAu over Copper Lead-Frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.0009 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAS16LPQ-7
Automotive
X1-DFN1006-2
3,000/Tape & Reel
BAS16LPQ-7B
Automotive
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Bottom View
X1-DFN1006-2
A6 = Product Type Marking Code
An overscore on top of letter ‘A’ denotes CAT site.
Band Denotes Cathode Side
Top View
Bar Denotes
Cathode Side
A6
e4
1
2
Device Schematic
Top View


Similar Part No. - BAS16LPQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16LP DIODES-BAS16LP Datasheet
74Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 8 - 2
BAS16LP DIODES-BAS16LP Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 11 - 2
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
74Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 8 - 2
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 11 - 2
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
91Kb / 4P
SURFACE MOUNT SWITCHING DIODE
Rev 12
More results

Similar Description - BAS16LPQ-7

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com