Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21DWA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS21DWA
Description  HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21DWA Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS21DWA Datasheet HTML 1Page - Diodes Incorporated BAS21DWA Datasheet HTML 2Page - Diodes Incorporated BAS21DWA Datasheet HTML 3Page - Diodes Incorporated BAS21DWA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS21DWA
Document number: DS36559 Rev. 9 - 2
2 of 4
www.diodes.com
January 2018
© Diodes Incorporated
BAS21DWA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
250
V
RMS Reverse Voltage
VR(RMS)
175
V
Forward Continuous Current (Note 6)
IF
200
mA
Peak Repetitive Forward Current (Note 6)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
IFSM
4.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
285
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
435
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
250
V
IR = 100µA
Forward Voltage
VF
0.90
1.05
1.3
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 7)
IR
30
35
100
100
nA
µA
VR = 200V
VR = 200V, TJ = +150°C
Total Capacitance
CT
0.7
5.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
6. Part mounted on FR-4 substrate with pad dimensions 1 inch x 1 inch, 2oz, copper, single-sided, PC board.
7. Short duration pulse test used to minimize self-heating effect.
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Derating Curve, Total Package
A
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
Note 6
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
0.001
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com