Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TMQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21TMQ
Description  HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21TMQ Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21TMQ Datasheet HTML 1Page - Diodes Incorporated BAS21TMQ Datasheet HTML 2Page - Diodes Incorporated BAS21TMQ Datasheet HTML 3Page - Diodes Incorporated BAS21TMQ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS21TMQ
Document number: DS37017 Rev. 2 - 2
1 of 4
www.diodes.com
March 2018
© Diodes Incorporated
BAS21TMQ
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Features
Fast Switching Speed: max. 50ns
Continuous Reverse Voltage: max. 200V
Repetitive Peak Reverse Voltage: max. 250V
Repetitive Peak Forward Current: max. 1A
Small Surface Mount Package
For General Purpose Switching Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, "Green" Molding Compound,
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Alloy
Leadframe (Lead Free Plating). Solderable per MIL-STD-202,
Method 208
Orientation: See Diagram
Weight: 0.009 grams (Approximate)
Ordering Information (Notes 5)
Part Number
Compliance
Case
Packaging
BAS21TMQ-13
Automotive
SOT26
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3).compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to https://www.diodes.com/quality/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
2022
2023
Code
B
C
D
E
F
G
H
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT26
Top View
Internal Schematic
XJJ = Product Type Marking Code
YM = Date Code Marking
Y =Year (ex: F = 2018)
M = Month (ex: 9 = September)
XJJ


Similar Part No. - BAS21TMQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
More results

Similar Description - BAS21TMQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_11 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAV23C-7 DIODES-BAV23C-7 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAS21DWA DIODES-BAS21DWA_15 Datasheet
311Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAV23A DIODES-BAV23A_15 Datasheet
92Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD2004S DIODES-MMBD2004S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_15 Datasheet
232Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS20DW DIODES-BAS20DW_15 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD3004A DIODES-MMBD3004A_16 Datasheet
325Kb / 5P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
Rev erse
BAS21DWA DIODES-BAS21DWA Datasheet
388Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
January 2018 Rev. 9 - 2
BAV23AQ DIODES-BAV23AQ Datasheet
373Kb / 5P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
August 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com