Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206X393DGGALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1206X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206X393DGGALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1206X393DGGALTU Datasheet HTML 2Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 3Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 4Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 5Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 6Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 7Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 8Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 9Page - Kemet Corporation C1206X393DGGALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C1812X
C1825X
C2220X
C2225X
Voltage Code
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
K
Rated
Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
10 pF
100
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
11 pF
110
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
12 pF
120
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
13 pF
130
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
15 pF
150
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
16 pF
160
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
18 pF
180
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
20 pF
200
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
22 pF
220
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
24 pF
240
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
27 pF
270
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
30 pF
300
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
33 pF
330
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
36 pF
360
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
39 pF
390
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
43 pF
430
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
47 pF
470
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KE
51 pF
510
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KE
56 pF
560
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KE
62 pF
620
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KF
68 pF
680
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KF
75 pF
750
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KF
82 pF
820
F G J K M GB GB GB GB GB GB GB
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KF
91 pF
910
F G J K M GD GD GD GD GD GD GD
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KH
100 pF
101
F G J K M GD GD GD GD GD GD GD
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KH
110 pF
111
F G J K M GD GD GD GD GD GD GD
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KJ
120 pF
121
F G J K M GD GD GD GD GD GD GD
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KJ
130 pF
131
F G J K M GD GD GD GD GD GD GD
JK JK JK JK JK JK JK KF KF KF KF KF KF KF KJ
150 pF
151
F G J K M GD GD GD GD GD GD GK
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
160 pF
161
F G J K M GD GD GD GD GD GD GK
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
180 pF
181
F G J K M GD GD GD GD GD GD GK
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
200 pF
201
F G J K M GD GD GD GD GD GD GM
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
220 pF
221
F G J K M GB GB GB GB GB GD GM
JK JK JK JK JK JK JK KF KF KF KF KF KF KF
240 pF
241
F G J K M GB GB GB GB GB GD GM
JK JK JK JK JK JK JK KE KE KE KE KE KE KF
270 pF
271
F G J K M GB GB GB GB GB GH GM
JK JK JK JK JK JK JK KE KE KE KE KE KE KF
300 pF
301
F G J K M GB GB GB GB GB GH GM
JK JK JK JK JK JK JK KE KE KE KE KE KE KF
330 pF
331
F G J K M GB GB GB GB GB GH GO
JE JE JE JE JE JK JK KE KE KE KE KE KE KF
360 pF
361
F G J K M GB GB GB GB GD GK GO
JE JE JE JE JE JK JK KE KE KE KE KE KE KF
390 pF
391
F G J K M GB GB GB GB GD GK GO
JE JE JE JE JE JK JK KE KE KE KE KE KE KF
430 pF
431
F G J K M GB GB GB GB GD GK
HJ JE JE JE JE JE JK JE KE KE KE KE KE KE KF
470 pF
471
F G J K M GB GB GB GB GD GK
HJ JE JE JE JE JE JK JK KF KF KF KF KE KE KF
510 pF
511
F G J K M GB GB GB GD GH GM
HJ JK JK JK JK JK JK JK KF KF KF KF KE KE KF
560 pF
561
F G J K M GB GB GB GD GH GM
HJ JK JK JK JK JK JK JL KF KF KF KF KE KE KF
620 pF
621
F G J K M GB GB GB GD GH GM
HK JK JK JK JK JK JK JL KF KF KF KF KE KF KH
680 pF
681
F G J K M GB GB GB GD GH GO
HK JE JE JE JK JK JK JL KF KF KF KF KE KF KH
750 pF
751
F G J K M GB GB GB GD GK
JE JE JE JK JK JK JL KE KE KE KF KE KF KH
820 pF
821
F G J K M GB GB GB GD GK
JE JE JE JK JK JK JN KE KE KE KF KE KF KJ
910 pF
911
F G J K M GB GB GB GH GM
JE JK JK JK JK JK JN KE KE KE KF KE KF KJ
1,000 pF
102
F G J K M GB GB GB GH GM
JE JK JK JK JK JK JN KE KE KE KF KE KF KJ
1,100 pF
112
F G J K M GB GB GB GH GO
HJ
JE JK JK JK JK JK
KE KE KE KF KF KF
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
K
Case Size/Series
C1812X
C1825X
C2220X
C2225X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com