Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5350SS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PBSS5350SS
Description  50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS5350SS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PBSS5350SS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS5350SS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PBSS4350SPN_1
Product data sheet
Rev. 01 — 5 April 2007
4 of 19
Nexperia
PBSS4350SPN
50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curves
Tamb (°C)
−75
175
125
25
75
−25
006aaa967
1.0
1.5
0.5
2.0
2.5
Ptot
(W)
0
(1)
(2)
(3)
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com