Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBA-06A2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBA-06A2AX
Description  NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06A2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBA-06A2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 V - 14 V Input
0.75 V - 5.5 V/6 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
8.3 V
12 V
14 V
Input Current (full load)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=0.75 V
-
-
-
-
-
2.75 A
1.85 A
1.45 A
1.05 A
0.55 A
4.0 A
2.8 A
2.2 A
1.6 A
0.8 A
Input Current (no load)
Vo=5.0 V
Vo=0.75 V
-
-
-
-
100 mA
20 mA
Remote Off Input Current
-
1 mA
2 mA
Input Reflected Ripple Current (pk-pk)
-
120 mA
-
Input Reflected Ripple Current (rms)
-
40 mA
-
Tested with two 100 uF/25 V tantalum
input capacitors & simulated source
impedance of 1uH, 5 Hz to 20 MHz.
I
2t Inrush Current Transient
-
0.002 A
2s
0.02 A
2s
Turn-on Voltage Threshold
-
8.1 V
8.2 V
Turn-off Voltage Threshold
-
7.5 V
8.0 V
Note
: All specifications are typical at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=12 V, lo=lomax, full load
Output Voltage Set Point
-2.5%Vo,set
-
3.5%Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Adjustment Range Selected by
External Resistor or Voltage
0.7525 V
-
5.5 V
Load Regulation
-0.5%Vo,set
0.4%Vo,set
0.5%Vo,set
Io=Io, min to Io, max
Line Regulation
-0.4%Vo,set
0.3%Vo,set
0.4%Vo,set
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5%Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0 A
-
6 A
Current Limit Threshold
7.2 A
-
18 A
Short Circuit Surge Transient
-
0.25 A
2s
-
Ripple and Noise (pk-pk)
Vo=0.75 V
Vo=3.3 V
Vo=5.0 V
-
-
-
20 mV
60 mV
75 mV
-
-
-
Ripple and Noise (rms)
Vo=0.75 V
Vo=3.3 V
Vo=5.0 V
-
-
-
7 mV
20 mV
25 mV
-
-
-
Tested with 0-20 MHz, with
10 uF/10 V tantalum capacitor
& 1uF/10 V TDK ceramic
capacitor at the output.
Turn on Time
-
8 mS
10 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
ESR
≥ 1mohm
ESR
≥ 10mohm
0 uF
0 uF
-
-
1000 uF
3000 uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com