Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBC-10F2AX Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # VRBC-10F2AX
Description  NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10F2AX Datasheet(HTML) 5 Page - Bel Fuse Inc.

  VRBC-10F2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10F2AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 V - 5.5 V Input
0.75 V - 3.63 V/10 A Output
Thermal Derating Curves
Vin= 5.0 V, Vo= 3.3 V
Vin= 5.0 V, Vo= 1.8 V
Vin=5.0 V, Vo=0.75 V
Vin=3.3 V, Vo=0.75 V/1.8 V/2.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com