Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5350
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5350 Datasheet HTML 16Page - Analog Devices ADL5350 Datasheet HTML 17Page - Analog Devices ADL5350 Datasheet HTML 18Page - Analog Devices ADL5350 Datasheet HTML 19Page - Analog Devices ADL5350 Datasheet HTML 20Page - Analog Devices ADL5350 Datasheet HTML 21Page - Analog Devices ADL5350 Datasheet HTML 22Page - Analog Devices ADL5350 Datasheet HTML 23Page - Analog Devices ADL5350 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Technical Data
ADL5350
PrC | Page 21 of 24
70 MHz RECEIVE PERFORMANCE
VS = 3 V, TA = 25°C, LO power = 4 dBm, re: 50 Ω, unless
otherwise noted.
Table 10.
Parameter
Unit
RF Frequency
60
MHz
LO Frequency
59.3
MHz
IF Frequency
10.7
MHz
Conversion Loss
6.7
dB
SSB Noise Figure
6.7
dB
Input Third-Order Intercept
27.3
dBm
Supply Voltage
3
V
Supply Current
18
mA
Table 11 shows the spur performance for RF = 70 MHz and
LO = 59.3 MHz; RFin = −5 dBm, Loin=4 dBm; all values in dBc
referenced to RFin.
Note that higher order spurious components falling in-band do
become an issue as the bandwidth of the desired signal
increases. Therefore, while operation at IF frequencies as low as
10 MHz is possible, the bandwidth of this signal needs to be
taken into consideration.
.
Table 11. N × fRF − M × fLO-Mixer Spurious Products
M
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0.0
−6.8
−30.5
−23.3
−30.5
−28.9
−34.9
−41.1
−45.7
−37.8
−39.7
−42.3
−37.5
−48.8
−40.1
−39.1
−37.4
1.0
−15.3
−6.8
−18.1
−37.3
−19.8
−22.6
−41.5
−24.2
−26.9
−42.4
−27.7
−30.1
−43.4
−30.2
−32.9
−44.3
2.0
−51.5
−66.0
−57.8
−57.4
−63.1
−57.8
−55.6
−59.2
−56.3
−55.7
−61.3
−57.1
−55.7
−58.3
−56.8
−57.6
3.0
−71.4
−78.8
−73.1
−75.1
−80.6
−81.8
−78.3
−78.2
−72.3
−82.3
−77.7
−82.4
−76.3
−73.3
−74.3
−79.2
4.0
−82.9
−78.6
−81.0
−84.2
−79.7
−77.5
−76.6
−79.0
−74.9
−75.0
−75.8
−76.3
−89.2
−76.7
−87.9
−76.1
5.0
−76.2
−82.9
−78.6
−75.4
−78.7
−84.9
−77.6
−79.2
−84.5
−85.0
−75.9
−81.3
−74.9
−98.6
−73.6
−90.4
6.0
−88.6
−74.6
−79.1
−80.2
−77.1
−76.1
−85.8
−76.2
−81.2
−82.9
−89.7
−75.4
−82.9
−85.4
−78.1
−75.9
N
7.0
−90.6
−76.7
−79.9
−80.6
−81.0
−83.4
−73.1
−76.8
−77.9
−84.6
−80.0
−78.4
−73.2
−75.2
−79.3
−90.9
8.0
−81.8
−80.4
−84.6
−84.9
−79.5
−83.1
−80.1
−78.6
−89.9
−78.7
−75.3
−77.0
−81.6
−86.3
−85.0
−77.1
9.0
−90.2
−78.3
−80.2
−71.9
−73.9
−85.8
−82.2
−86.6
−80.2
−78.7
−79.1
−71.2
−78.8
−76.0
−84.5
−81.8
10.0
−78.2
−82.1
−80.3
−73.5
−86.6
−86.1
−81.0
−86.0
−78.2
−86.2
−87.1
−83.7
−79.8
−75.0
−83.8
−82.4
11.0
−77.6
−85.8
−78.4
−85.1
−86.6
−80.1
−79.4
−78.8
−69.3
−82.8
−81.6
−94.2
−81.7
−80.5
−84.1
−77.2
12.0
−89.4
−90.8
−80.8
−71.7
−73.4
−75.5
−82.2
−76.8
−72.1
−78.0
−76.3
−84.9
−85.6
−78.7
−71.8
−85.1
13.0
−80.0
−82.5
−79.6
−82.0
−78.9
−78.5
−73.4
−80.4
−84.9
−81.5
−79.4
−79.1
−76.1
−82.8
−77.8
−71.7
14.0
−86.3
−85.6
−89.2
−85.6
−82.7
−74.4
−88.1
−77.6
−74.4
−79.0
−85.4
−89.1
−88.4
−77.2
−81.1
−80.0
15.0
−84.4
−81.9
−81.1
−87.9
−77.7
−83.3
−78.4
−81.9
−90.0
−73.3
−84.6
−77.8
−81.7
−81.2
−93.2
−71.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com