Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4002BCPZ
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4002BCPZ Datasheet HTML 4Page - Analog Devices ADF4002BCPZ Datasheet HTML 5Page - Analog Devices ADF4002BCPZ Datasheet HTML 6Page - Analog Devices ADF4002BCPZ Datasheet HTML 7Page - Analog Devices ADF4002BCPZ Datasheet HTML 8Page - Analog Devices ADF4002BCPZ Datasheet HTML 9Page - Analog Devices ADF4002BCPZ Datasheet HTML 10Page - Analog Devices ADF4002BCPZ Datasheet HTML 11Page - Analog Devices ADF4002BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4002
Rev. 0 | Page 8 of 24
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 11. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100kΩ
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 11. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 12. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the N counter.
500Ω
1.6V
500Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 12. RF Input Stage
N COUNTER
The N CMOS counter allows a wide ranging division ratio in
the PLL feedback counter. Division ratios from 1 to 8191 are
allowed.
N and R Relationship
The N counter makes it possible to generate output frequencies
that are spaced only by the reference frequency divided by R.
The equation for the VCO frequency is
R
REFIN
f
N
VCO
f
×
=
where:
fVCO is the output frequency of external voltage controlled
oscillator (VCO).
N is the preset divide ratio of binary 13-bit counter (1 to 8191).
fREFIN is the external reference frequency oscillator.
TO PFD
FROM RF
INPUT STAGE
FROM N
COUNTER LATCH
13-BIT N
COUNTER
Figure 13. N Counter
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 14 is a simplified schematic.
The PFD includes a programmable delay element that controls
the width of the antibacklash pulse. This pulse ensures that
there is no dead zone in the PFD transfer function, and
minimizes phase noise and reference spurs. Two bits in the
reference counter latch (ABP2 and ABP1) control the width of
the pulse. See Figure 17 for details. The smallest antibacklash
pulse width (1.3 ns) should be used if the desired PFD exceeds
104 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com