Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG200030 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG200030
Description  High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG200030 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG200030 Datasheet HTML 1Page - Renesas Technology Corp SLG200030 Datasheet HTML 2Page - Renesas Technology Corp SLG200030 Datasheet HTML 3Page - Renesas Technology Corp SLG200030 Datasheet HTML 4Page - Renesas Technology Corp SLG200030 Datasheet HTML 5Page - Renesas Technology Corp SLG200030 Datasheet HTML 6Page - Renesas Technology Corp SLG200030 Datasheet HTML 7Page - Renesas Technology Corp SLG200030 Datasheet HTML 8Page - Renesas Technology Corp SLG200030 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet
9-Feb-2022
CFR0011-120-01
Revision 1.04
Page 4 of 9
SLG55022-200030
High Voltage Gate Driver
©2022 Renesas Electronics Corporation
Device Operation
In a typical application, de-asserting ON (low) turns off the external power N-FET. When the FET is turned off, the voltage at the
load is discharged through a resistor (300 Ohms) internal to the SLG55022. When ON is asserted (high), the device will not begin
driving the gate of the external power FET unless the voltage at the drain of the device is at or above 0.8 V (e.g. VD ≥ 0.8 V) to
prevent a ‘shootthrough’ situation to the FET’s source load. Gate voltage is not applied to the gate of the external power N-FET
after DLY_t then the gate source (Vgs) voltage is ramped up to 11.5V above the source voltage VS at a slew rate determined by
the internal slew rate control element internal to the SLG55022. Monotonic rise of Vs is maintained even as ID increases
dramatically after the load device turn on threshold voltage is reached. After the source voltage has ramped up to its maximum
steady state value, the Open Drain PG (Power Good) signal is asserted. PG may be used as the ON control of a second
SLG55022 thereby providing power on sequence control of a number of switched power rails, or used in a ‘wired and’ with other
PG signals to indicate all switched power rails are in a power good condition.
The waveforms shown illustrate the monotonic rise of the source voltage of a FET as gate voltage is controlled to accommodate
for variations in load current as the voltage is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com