Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55321 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG55321
Description  Triple Rail High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55321 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG55321 Datasheet HTML 1Page - Renesas Technology Corp SLG55321 Datasheet HTML 2Page - Renesas Technology Corp SLG55321 Datasheet HTML 3Page - Renesas Technology Corp SLG55321 Datasheet HTML 4Page - Renesas Technology Corp SLG55321 Datasheet HTML 5Page - Renesas Technology Corp SLG55321 Datasheet HTML 6Page - Renesas Technology Corp SLG55321 Datasheet HTML 7Page - Renesas Technology Corp SLG55321 Datasheet HTML 8Page - Renesas Technology Corp SLG55321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
000-0055321-102
Page 2 of 9
SLG55321-130010V
Pin Description
Overview
The SLG55321 N-Channel FET Gate Drivers are used for controlling and ramping slew rate of the source voltage on N-Channel
FET switches from a CMOS logic level input. Intended as a supporting control element for switched voltage rails in energy efficient,
advanced power management systems, the SLG55321 also integrates circuits to discharge opened switched voltage rails. The
gate driver is available in a variety of configurations supporting a range of turn-on slew rates from 0.80 V/ms up to 2 V/ms which,
depending on load supplying source voltages in the range of 1.0 V to 20 V results in ramp times from 200
µs to over 20ms (see
Application Section). Additionally, an internal discharge circuit provides a controlled path to remove charge from open power rails.
The SLG55321 gate drive is packaged in an 8 pin DFN package.
When used with external N-Channel FETs, the SLG55321 supports low transient, energy efficient switching of high current loads
at source voltages ranging from 1.0 V to 20 V.
.
Pin Name
Pin Number
Type
Pin Description
VCC
1
Power
Supply Voltage
ON
2
Input
CMOS Logic Level
DIS2
3
Output
Discharge Connection for Load2.
GND
4
GND
Ground
D
5
Input
FET Drain Connection (Connect to FET with highest VD voltage)
S/DIS1
6
Input/Output
Source Connection,
Discharge Connection for Load1
G1/G2/G3
7
Output
FET Gate Drive for FET1, FET2, FET3. A minimum of a 1 k
Ω resistor
must be placed between the gate of MOSFET 1 and the gate of
MOSFET 2 and another 1 k
Ω resistor between the gate of MOSFET
2 and the gate of MOSFET 3.
DIS3
8
Output
Discharge Connection for Load3. Cannot exceed 5V.
Ordering Information
Part Number
Ramp Slew
Rate
(Volts/ms)
Delay Time
(ms)
Discharge
Resistor
(ohms)
Package Type
SLG55321-130010V
1.30
0.5
200
TDFN-8
SLG55321-130010VTR
1.30
0.5
200
TDFN-8 - Tape and Reel (3k units)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com