Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX8212 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8212
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8212 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX8212 Datasheet HTML 17Page - Texas Instruments TMUX8212 Datasheet HTML 18Page - Texas Instruments TMUX8212 Datasheet HTML 19Page - Texas Instruments TMUX8212 Datasheet HTML 20Page - Texas Instruments TMUX8212 Datasheet HTML 21Page - Texas Instruments TMUX8212 Datasheet HTML 22Page - Texas Instruments TMUX8212 Datasheet HTML 23Page - Texas Instruments TMUX8212 Datasheet HTML 24Page - Texas Instruments TMUX8212 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.7 Crosstalk
Crosstalk (XTALK) is defined as the ratio of the signal at the drain pin (Dx) of a different channel, when a signal is
applied at the source pin (Sx) of an on-channel. The characteristic impedance, ZO, for the measurement is 50 Ω,
as shown in Figure 8-7 and Equation 2.
INx
GND
VINx
SX
VS
VOUT
RS
50
Network Analyzer
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
50
50
50
Other
Sx/ Dx
pins
SW
SW
DX
SY
DY
Figure 8-7. Inter-channel Crosstalk Measurement Setup
Inter−cℎannel Crosstalk = 20 × Log VOUTVS
(2)
8.8 Bandwidth
Bandwidth (BW) is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to
the source pin (Sx) of an on-channel, and the output is measured at the drain pin (Dx). Figure 8-8 and Equation
3 shows the setup used to measure bandwidth of the switch.
SELx
GND
VSELx
SX
Dx
VS
VOUT
RS
50
Network Analyzer
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SW
50
Other
Sx/ Dx
pins
Figure 8-8. Bandwidth Measurement Setup
Bandwidtℎ = 20 × Log VOUTVS
(3)
www.ti.com
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com