Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9986 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9986 Datasheet HTML 1Page - Maxim Integrated Products MAX9986 Datasheet HTML 2Page - Maxim Integrated Products MAX9986 Datasheet HTML 3Page - Maxim Integrated Products MAX9986 Datasheet HTML 4Page - Maxim Integrated Products MAX9986 Datasheet HTML 5Page - Maxim Integrated Products MAX9986 Datasheet HTML 6Page - Maxim Integrated Products MAX9986 Datasheet HTML 7Page - Maxim Integrated Products MAX9986 Datasheet HTML 8Page - Maxim Integrated Products MAX9986 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX9986 Typical Application Circuit, VCC = +4.75V to +5.25V, no RF signal applied, IF+ and IF- outputs pulled up to VCC through
inductive chokes, R1 = 953Ω, R2 = 619Ω, TC = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +5V, TC =
+25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
IF+, IF-, LOBIAS, LOSEL, IFBIAS to GND...-0.3V to (VCC + 0.3V)
TAP ........................................................................-0.3V to +1.4V
LO1, LO2, LEXT to GND........................................-0.3V to +0.3V
RF, LO1, LO2 Input Power .............................................+12dBm
RF (RF is DC shorted to GND through a balun) .................50mA
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN-EP (derate 26.3mW/°C above +70°C)...........2.1W
θJA .................................................................................+38°C/W
θJC .................................................................................+13°C/W
Operating Temperature Range (Note A) ....TC = -40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note A: TC is the temperature on the exposed paddle of the package.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Supply Current
ICC
222
265
mA
LO_SEL Input-Logic Low
VIL
0.8
V
LO_SEL Input-Logic High
VIH
2V
AC ELECTRICAL CHARACTERISTICS
(MAX9986 Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50Ω sources, PLO = -3dBm to
+3dBm, PRF = -5dBm, fRF = 815MHz to 995MHz, fLO = 960MHz to 1180MHz, fIF = 160MHz, fLO > fRF, TC = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +5V, PRF = -5dBm, PLO = 0dBm, fRF = 910MHz, fLO = 1070MHz, fIF = 160MHz, TC =
+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
fRF
(Note 2)
815
995
MHz
(Note 2)
960
1180
LO Frequency Range
fLO
MAX9984
570
850
MHz
IF Frequency Range
fIF
(Note 2)
50
250
MHz
Conversion Gain
GC
TC = +25
°C9
10
11
dB
Gain Variation Over Temperature
TC = -40
°C to +85°C
-0.007
dB/
°C
Conversion Gain Flatness
Flatness over any one of three frequency bands:
fRF = 824MHz to 849MHz
fRF = 869MHz to 894MHz
fRF = 880MHz to 915MHz
±0.15
dB
Input Compression Point
P1dB
(Note 3)
12
dBm
Input Third-Order Intercept Point
IIP3
Two tones:
fRF1 = 910MHz, fRF2 = 911MHz,
PRF = -5dBm/tone, fLO = 1070MHz,
PLO = 0dBm, TA = +25
°C
21
23.6
dBm
TC = +25
°C to -40°C
-1.7
Input IP3 Variation Over
Temperature
TC = +25
°C to +85°C
+1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com