Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB2 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZLED-PCB2
Description  40V LED Driver with Internal Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED-PCB2 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZLED-PCB2 Datasheet HTML 11Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 12Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 13Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 14Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 15Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 16Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 17Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 18Page - Renesas Technology Corp ZLED-PCB2 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
16
April 20, 2016
6
Pin Configuration and Package
Figure 6.1
Pin Configuration and Package Drawing SOT89-5
Table 4.1
Pin Description SOT89-5
Table 4.2
Package Dimensions SOT89-5
Symbol
Dimension (mm)
Symbol
Dimension (mm)
Min
Max
Min
Max
A
1.400
1.600
E
2.300
2.600
b
0.320
0.520
E1
3.940
4.250
b1
0.360
0.560
e
1.500 Typ
c
0.350
0.440
e1
2.900
3.100
D
4.400
4.600
L
0.900
1.100
D1
1.400
1.800
The SOT89-5 package has a thermal resistance (junction to ambient) of RθJA = 45 K/W.
Pin Name
No.
Description
LX
1
Power switch drain
GND
2
Ground (0V)—see section 7.4 for layout considerations
ADJ
3
Output current control pin—see section 2.3 for details
ISENSE
4
Nominal average output current is set by the value of a resistor RS connected from ISENSE to VIN – see
section 2.3.1 for details
VIN
5
Supply voltage (6V to 40V)—see section 7.3 for layout considerations
b
b1
e1
e
D
D1
L
E1
E
c
A
1
2
3
5
4
LX
VIN
GND
Thermal Pad
ADJ
ISENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com