Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201AC5R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZOPT2201AC5R
Description  Digital Ambient Light and UVB Energy Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2201AC5R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZOPT2201AC5R Datasheet HTML 26Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 27Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 28Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 29Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 30Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 31Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 32Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 33Page - Renesas Technology Corp ZOPT2201AC5R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
30
September 2, 2016
3.11.4 PART_ID
Address
06HEX
Default value
B2HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
06HEX
Part Number ID
Revision ID
Bit[7:4]
Part Number ID
Bit[3:0]
Revision ID of the component. The value increases by one each time a new silicon revision is
manufactured
3.11.5 MAIN_STATUS
Address
07HEX
Default value
20HEX
Register access
R
Bit
7
6
5
4
3
2
1
0
07HEX
0
0
Power-On
status
LS interrupt
status
LS data
status
0
0
0
Bit[5]
Power-On status. If set to 1, the part has had a power-up event, either because the part was turned on
or because there was a power-supply voltage disturbance
A value of 1 is the default for the first register read after power-on reset.
Note:
All interrupt threshold settings in the registers have been reset to power-on default states and
should be examined if the Power-On status flag is set. In the event of a power-up event while
in the ALS/UVBS_Raw Mode, this special operation mode is turned off. To restore this mode,
the initialization sequence described in Table 3.3 must be repeated before the mode can be
reactivated.
The flag is cleared after the register is read.
Bit[4]
LS interrupt status (updated even if the interrupt pin is disabled)
0
interrupt condition has not occurred (default)
1
interrupt condition has occurred (cleared after read)
Bit[3]
LS data status
0
old data, already read (default)
1
new data, not yet read (cleared after read)
Bit[2:0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com