Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7022 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZLED7022
Description  Low-Voltage Six-Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7022 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZLED7022 Datasheet HTML 5Page - Renesas Technology Corp ZLED7022 Datasheet HTML 6Page - Renesas Technology Corp ZLED7022 Datasheet HTML 7Page - Renesas Technology Corp ZLED7022 Datasheet HTML 8Page - Renesas Technology Corp ZLED7022 Datasheet HTML 9Page - Renesas Technology Corp ZLED7022 Datasheet HTML 10Page - Renesas Technology Corp ZLED7022 Datasheet HTML 11Page - Renesas Technology Corp ZLED7022 Datasheet HTML 12Page - Renesas Technology Corp ZLED7022 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ZLED7022 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
The current sinks [D5:D0] are controlled by the PCC serial data input on the EN/SET pin. Data is written to an internal data register
that sets the outputs to one of 14 current levels. The Vout pin provides a shared supply voltage for the LEDs. The capacitor across
the C+ and C- pins is the “pump capacitor” used by the charge pump.
2.3.
ZLED7022 Soft-Start Feature
The soft-start feature protects against excessive inrush currents during the start-up of the charge pump circuit. This prevents
potential transient noise effects that can affect initial performance, especially in battery-operated applications toward the end of the
battery life.
2.4.
ZLED7022 Low-Current Shutdown Mode
The ZLED7022 enters a low-current shutdown mode whenever its EN/SET input is held low longer than TOFF (
500μs minimum). In
the low-current shutdown mode, the ZLED7022 draws minimal current (ISHDN=1
μA typical, 2μA maximum) and the internal data
register that controls output current is reset to 0, which disables the outputs.
2.5.
LED Current Control
The ZLED7022’s Pulse Count Control (PCC) serial digital interface is used to enable/disable the LED outputs and set the constant
current level to one of 14 settings using a nearly logarithmic scale (approximately 1.5dB difference between settings) to provide a
linear brightness progression as the current level increases/decreases. See Table 2.1 for the current level settings.
Because [D5:D0] are independent constant current sinks, the voltage at the LED output being driven is determined by the LED’s
forward voltage (VF). This enables accurate LED brightness control and matching by the control system.
Table 2.1
Current Output Settings
Data Level
Current Output per Channel (mA)
1
20.0
2
17.0
3
14.0
4
12.0
5
10.0
6
8.6
7
7.0
8
6.0
9
5.0
10
4.2
11
3.6
12
3.0
13
2.4
14
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com