Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7720 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZLED7720
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7720 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZLED7720 Datasheet HTML 1Page - Renesas Technology Corp ZLED7720 Datasheet HTML 2Page - Renesas Technology Corp ZLED7720 Datasheet HTML 3Page - Renesas Technology Corp ZLED7720 Datasheet HTML 4Page - Renesas Technology Corp ZLED7720 Datasheet HTML 5Page - Renesas Technology Corp ZLED7720 Datasheet HTML 6Page - Renesas Technology Corp ZLED7720 Datasheet HTML 7Page - Renesas Technology Corp ZLED7720 Datasheet HTML 8Page - Renesas Technology Corp ZLED7720 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
High Current 40V LED
Driver with Internal Switch
ZLED7x20
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
Vin
I SENSE
LX
GND
ZLED7x20
D1
LED
String
Vs = 6 to 40 VDC
(C3)
Rs
L1
(C1)
C2
0.1µF
ADJ
33µH to
220µH
Brief Description
The ZLED7x20 continuous-mode inductive step-
down converter family is part of our line of LED-
control ICs. It is designed for applications requiring
high brightness and high current. It can efficiently
drive a single LED or multiple series-connected
LEDs from a voltage input higher than the LED for-
ward voltage: Vin = 6 to 40 VDC. It provides an
adjustable output current
≤1.2A, which is set via an
external resistor and controlled by the ZLED7x20’s
integrated high-side output current-sensing circuit
and high speed internal 40V power switch. An
external control signal, which can be a DC voltage,
PWM, or microcontroller-generated waveform, on
the ADJ pin can also be used to linearly adjust a
continuous output current or to control a gated out-
put current.
The output can be turned off by applying a voltage
lower than 0.2V to the ADJ pin, which puts the
ZLED7x20 in a low-current standby state.
The ZLED7x20 enables diverse industrial and
consumer
lighting
applications
requiring
high
driving currents, wide operating voltage range,
high efficiency, and variable brightness control. It
offers over-temperature and LED open-circuit pro-
tection. The ZLED7x20 can also minimize bill-of-
material costs because very few external com-
ponents are required for most applications. Only a
resistor, a diode, an inductor, and three capacitors
are needed for a typical basic application.
Features
• Up to 1.2A output current
• Internal 40V power switch
• Wide DC input voltage range 6 to 40 VDC
• Output current accuracy: 3% (typical)
• Dimming ratio: 1200:1
• LED open-circuit protection
• Thermal shutdown protection
Benefits
• High efficiency: up to 98%
• Single pin on/off and brightness control using
DC voltage or PWM
• Very few external components needed for
operation
• Footprint compatible with our ZLED7000
depending on the application.
Available Support
• Evaluation Kit
Physical Characteristics
• Operating junction temperature: -40°C to 125°C
• Switching frequency: up to 1MHz
ZLED7x20 Family Selection Matrix
Product
Max. Current Output
Package
ZLED7020
1.2A
SOT89-5
ZLED7320
1.0A
DFN-5
ZLED7520
0.75A
DFN-5
ZLED7720
0.35A
DFN-5
ZLED7x20 Typical Application Circuit


Similar Part No. - ZLED7720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7720 IDT-ZLED7720 Datasheet
556Kb / 27P
High Current 40V LED Driver with Internal Switch
logo
List of Unclassifed Man...
ZLED7720-ZI1R ETC2-ZLED7720-ZI1R Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7720-ZI1R ETC2-ZLED7720-ZI1R Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
More results

Similar Description - ZLED7720

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
ZLED7020 ETC2-ZLED7020 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7320 ETC2-ZLED7320 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7520 ETC2-ZLED7520 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
ZLED7720 ETC2-ZLED7720 Datasheet
2Mb / 28P
High Current 40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
ZLED7020 IDT-ZLED7020 Datasheet
556Kb / 27P
High Current 40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com