Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2202AC9R Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2202AC9R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZOPT2202AC9R Datasheet HTML 34Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 35Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 36Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 37Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 38Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 39Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 40Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 41Page - Renesas Technology Corp ZOPT2202AC9R Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
40
September 21, 2016
5. Part Order Information
Product Sales Code
Description
Package
ZOPT2202AC5R
ZOPT2202 LGA6 – Temperature range: -40 to +90°C
Reel
ZOPT2202AC9R
ZOPT2202 TSV – Temperature range: -40 to +90°C
Reel
ZOPT2202KIT V1.0
ZOPT2202 Evaluation Kit, including ZOPT Control Board, mini-USB cable, and 1 ZOPT2202 sample mounted
on the LGA6 Sensor Board; kit software is available for free download – see the ZOPT Evaluation Kit Quick
Start-up Guide included in the kit for instructions.
6. Glossary
Term
Description
ADC
Analog-to-Digital Converter
LGA
Land-Grid Array (package type)
LS
Light Sensor (can be UVAS, UVBS, or UVB2S depending on ZOPT2202 configuration)
NVM
Non-volatile Memory
PWM
Pulse Width Modulation
SDA
Serial Data
SCL
Serial Clock
SW
Software
TVS
Through-Silicon Vias (package type)
UVA
Ultra violet energy in spectral range of 315nm to 400nm wavelength
UVB
Ultra violet energy in spectral range of 280nm to 315nm wavelength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com