Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSLS7031 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSLS7031
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSLS7031 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSLS7031 Datasheet HTML 9Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 10Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 11Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 12Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 13Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 14Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 15Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 16Page - Renesas Technology Corp ZSLS7031 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ZSLS7031 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 26, 2016
Figure 2.5
Under-Voltage Lock Out
3
Application Circuit Design
3.1
Typical Applications
The typical application circuits shown on the following pages are designed for a wide input voltage range 85VAC
to 265VAC.
3.2
Line Regulation Compensation Design
The output power of the ZSLS7031 varies slightly with input voltage due to the small delay associated with the
current-sense control loop. At high input voltages, the slope of the input current is quite steep, and therefore it will
overshoot the target value by more than it would at low input voltage conditions. Therefore, under wide input
voltage conditions, and without additional compensation, the output power varies over the full input voltage range,
85VAC to 265VAC, by about +/-5%. To further improve the line regulation, a simple compensation circuit can be
added as shown in Figure 3.1 and Figure 3.2 with components R4, R12, R13, R14, R15, and C9.
3.3
Transformer Design
The transformer design is described in a separate application note ZSLS7031_AN_TransformerDesign.pdf sup-
ported by a calculation spreadsheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com