Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2952 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2952
Description  Low Voltage PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2952 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2952 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8542A
01/30-06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2952
Low Voltage PLL Clock Driver
fsela
(Int Pull Down)
(Int Pull Down)
(Int Pull Down)
fselb
(Int Pull Down)
fselc
(Int Pull Down)
MR/OE
(Int Pull Down)
VCO_Sel
PLL_En
FBIn
REFCLK
VCO
200-480MHz
Qa4
Qa3
Qa2
Qa1
Qa0
Qb3
Qb2
Qb1
Qb0
Qc1
Qc0
÷2
"–1" Has ÷2/÷8
"–2" Has ÷4/÷8
÷4/÷2
÷4/÷6
Phase
Detector
LPF
÷2/÷4
Function Tables
a
l
e
s
fn
a
Qb
l
e
s
fn
b
Qc
l
e
s
fn
c
Q
0
1
4
÷
6
÷
0
1
4
÷
2
÷
0
1
2
÷
4
÷
n
i
P
l
o
r
t
n
o
C'
O
'
c
i
g
o
L'
1
'
c
i
g
o
L
l
e
S
_
O
C
VO
C
V
f2
/
O
C
V
f
E
O
/
R
Me
l
b
a
n
E
t
u
p
t
u
OZ
h
g
i
H
n
E
_
L
L
PL
L
P
e
l
b
a
n
EL
L
P
e
l
b
a
s
i
D
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
A
C
C
Vy
l
p
p
u
S
r
e
w
o
P
L
L
P
O
C
C
Vy
l
p
p
u
S
r
e
w
o
P
r
e
f
f
u
B
t
u
p
t
u
O
I
C
C
Vy
l
p
p
u
S
r
e
w
o
P
c
i
g
o
L
e
r
o
C
l
a
n
r
e
t
n
I
I
D
N
Gd
n
u
o
r
G
l
a
n
r
e
t
n
I
O
D
N
Gd
n
u
o
r
G
r
e
f
f
u
B
t
u
p
t
u
O
Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com