Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDPRO Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSDPRO
Description  Parallel Port Programmer for ST?셲 Programmable System Device (PSD) Products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSDPRO Datasheet(HTML) 1 Page - STMicroelectronics

  PSDPRO Datasheet HTML 1Page - STMicroelectronics PSDPRO Datasheet HTML 2Page - STMicroelectronics PSDPRO Datasheet HTML 3Page - STMicroelectronics PSDPRO Datasheet HTML 4Page - STMicroelectronics PSDPRO Datasheet HTML 5Page - STMicroelectronics PSDPRO Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
DATA BRIEFING
June 2004
For further information contact your local ST sales office.
PSDPRO
Parallel Port Programmer for ST’s
Programmable System Device (PSD) Products
FEATURES SUMMARY
■
LOW COST PARALLEL PORT
PROGRAMMER FOR ST'S ENTIRE PSD
PRODUCT LINE
■
PROGRAMS ALL PSD DEVICES
■
HIGH SPEED PROGRAMMING
■
CONTROLLED VIA PC RUNNING ST'S
PSDSOFT EXPRESS SOFTWARE
■
INTERCHANGEABLE ADAPTER SOCKETS
FOR DIFFERENT PACKAGES/PRODUCT
TYPES (ordered separately, see Table 2 for a
complete list)
■
SIZE: 9” x 6” x 3”
Figure 1. PSD Programmer
Table 1. Available Models
Table 2. Socket Adapters
Programmer
Voltage
Description
PSDpro
110
PSDpro Programmer with 110V Power Supply
PSDpro
220
PSDpro Programmer with 220V Power Supply
Part Number
Pins
Socket
Family
Description
WS6100
52
PLCC
PSD
Socket Adapter for PSD8XX in 52-pin PLCC
WS6101
64
TQFP
FPSD
Socket Adapter for PSD8XX in 64-pin TQFP
WS6102
44
PLCC
PSD
Socket Adapter for PSD2XX and PSD3XX in a 44-pin PLCC
WS6103
44
TQFP
PSD
Socket Adapter for PSD2XX and PSD3XX in a 44-pin TQFP
WS6104
44
PQFP
PSD
Socket Adapter for PSD2XX and PSD3XX in a 44-pin PQFP
WS6105
80
TQFP
PSD
Socket Adapter for PSD4XX and PSD5XX in a 80-pin TQFP
WS6106
68
PLCC
PSD
Socket Adapter for PSD4XX and PSD5XX in a 68-pin PLCC
WS6107
52
PQFP
FPSD
Socket Adapter for PSD8XX in a 52-pin PQFP
WS6108
80
TQFP
FPSD
Socket Adapter for PSD8XX and PSD4000 in a 80-pin TQFP


Similar Part No. - PSDPRO

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PSDP08120L1 PANJIT-PSDP08120L1 Datasheet
1Mb / 5P
Optima Diode - Low forward voltage drop, Fast Recovery Diode
September 3,2020 PSDP08120L1-REV.00
PSDP08120S1 PANJIT-PSDP08120S1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
September 3,2020 PSDP08120S1-REV.00
PSDP0860L1 PANJIT-PSDP0860L1 Datasheet
1Mb / 5P
Optima Diode - Low forward voltage drop, Fast Recovery Diode
November 3,2020 PSDP0860L1-REV.00
PSDP0860S1 PANJIT-PSDP0860S1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
November 3,2020 PSDP0860S1-REV.00
PSDP15120L1 PANJIT-PSDP15120L1 Datasheet
1Mb / 5P
Optima Diode - Low forward voltage drop, Fast Recovery Diode
September 3,2020 PSDP15120L1-REV.00
More results

Similar Description - PSDPRO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX-RLINK STMICROELECTRONICS-STX-RLINK Datasheet
69Kb / 4P
Raisonance?셲 in-circuit debugger/programmer for ST7, uPSD, STR7 and STR9
20-Jun-2006
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
TSC 80251 Programmer?셲 Guide
logo
STMicroelectronics
STVP STMICROELECTRONICS-STVP Datasheet
53Kb / 3P
ST Visual Programmer
17-Sep-2010
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
logo
Microchip Technology
DV243003 MICROCHIP-DV243003 Datasheet
162Kb / 16P
MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
01/02/08
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
MPLAB PM3 Universal Device Programmer
9/1/03
logo
STMicroelectronics
RM0004 STMICROELECTRONICS-RM0004 Datasheet
7Mb / 1176P
Programmer?셲 reference manual for Book E processors
29-Nov-2007
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
logo
Maxim Integrated Produc...
DS9122P-GP8 MAXIM-DS9122P-GP8 Datasheet
4Mb / 29P
Multi-Device Programmer for 1-Wire and I2C Devices
Rev 1; 5/16
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
FlashPro5 Device Programmer Quickstart Card
July 2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com