Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDPRO110 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PSDPRO110
Description  Parallel Port Programmer for ST?셲 Programmable System Device (PSD) Products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSDPRO110 Datasheet(HTML) 3 Page - STMicroelectronics

  PSDPRO110 Datasheet HTML 1Page - STMicroelectronics PSDPRO110 Datasheet HTML 2Page - STMicroelectronics PSDPRO110 Datasheet HTML 3Page - STMicroelectronics PSDPRO110 Datasheet HTML 4Page - STMicroelectronics PSDPRO110 Datasheet HTML 5Page - STMicroelectronics PSDPRO110 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
PSDPRO - PARALLEL PORT PROGRAMMER
SUMMARY DESCRIPTION
The PSDpro is a high performance engineering
programmer designed to program ST's entire fam-
ily of PSD products. Through the use of inter-
changeable
sockets,
the
PSDpro
can
be
configured to program any of ST’s OTP or Flash-
based PSD Products. It is controlled using ST's
PSDsoft Express software operating in the IBM-
PC compatible Windows 95/98/2000 or NT/XP en-
vironment. The PSDpro enables quick program-
ming, greatly accelerating the system design
process.
The PSDpro is easy to use. The parallel port inter-
face to the host computer eliminates problems
with bus addresses, interrupt assignments, or soft-
ware installation. PSDpro is powered by an exter-
nal DC power supply
SYSTEM REQUIREMENTS
Software
Must be used with PSDsoft Express software (ver-
sion 5.02 ES or later)
Hardware
PC Compatible Windows 95/98/2000 or NT/
XP
32MB of RAM
Hard-Disk space: approximately 30MB
CD-ROM Drive
Parts List:
Parallel cable
Power supply adapter (110V or 220V)
ST Family Module
small edge connector PC board installed
atop the programmer prior to shipment
PSDpro Programmer
INSTALLATION INSTRUCTIONS
1.
Connect the parallel cable to the PC and the
PSDpro Programmer.
2.
Make sure the ST Family module and the
Socket Adaptor are firmly seated.
3.
Connect the power supply.
4.
Go to the main screen of PSDsoft Express and
click on the "STMicroelectronics Conventional
Programmers" block or Select
"STMicroelectronics Conventional
Programmers" from the PSDsoft menu.
5.
Under the "Options" menu select "Hardware
Setup."
Configure for PSDpro and choose "Auto
Select" or "Manual Select" for the parallel port:
Auto Select = PSDsoft selects the port
Manual Select = User selects the port
6.
Select OK.
7.
If there are no error messages, then the setup
and auto check procedure is completed.
8.
If an error message appears, check all
connections and retry by repeating the
installation procedure or by merely selecting
the "H Test" (Hardware Test) icon on the main
screen.
Note: Repeat this procedure until there is no
longer an error message. If you cannot resolve
the conflict, contact ST technical support for
assistance via Internet Mail at
apps.psd@st.com.
The programming instructions are included in
the PSDsoft Express User Manual
downloadable from the ST website,
www.st.com/psm. Please refer to this
manual for programming assistance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com