Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDPRO220 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PSDPRO220
Description  Parallel Port Programmer for ST?셲 Programmable System Device (PSD) Products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSDPRO220 Datasheet(HTML) 4 Page - STMicroelectronics

  PSDPRO220 Datasheet HTML 1Page - STMicroelectronics PSDPRO220 Datasheet HTML 2Page - STMicroelectronics PSDPRO220 Datasheet HTML 3Page - STMicroelectronics PSDPRO220 Datasheet HTML 4Page - STMicroelectronics PSDPRO220 Datasheet HTML 5Page - STMicroelectronics PSDPRO220 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PSDPRO - PARALLEL PORT PROGRAMMER
4/6
PART NUMBERING
Table 3. Ordering Information Scheme
For a list of available options (e.g., speed, package) or for further information on any aspect of this device,
please contact your nearest ST Sales Office.
Table 4. Socket Adapters by Package Type
Example:
PSDpro
110
Part Type
PSDpro = Development Kit
Power Supply
110 = 110V
220 = 220V
Pkg
Code
Pins
WS6100 WS6101 WS6102 WS6103 WS6104 WS6105 WS6106 WS6107 WS6108
PSD3XX
J44
L44
M44
U44
PSD4XX/
PSD5XX
J68
L68
U80
PSD8XX
J52
U64
PSD8XX
M
52
PSD8XX/
PSD4000
U80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com