Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS28Q
Description  DUAL SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS28Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS28Q Datasheet HTML 1Page - Diodes Incorporated BAS28Q Datasheet HTML 2Page - Diodes Incorporated BAS28Q Datasheet HTML 3Page - Diodes Incorporated BAS28Q Datasheet HTML 4Page - Diodes Incorporated BAS28Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS28Q
Document number: DS40222 Rev. 1 - 2
3 of 5
www.diodes.com
September 2017
© Diodes Incorporated
BAS28Q
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE ( C)
A
Figure 1 Power Derating Curve, Total Package
300
200
Note 5
250
150
50
1
10
100
1000
0
200
400
600
800
1000
1200
1400
T = 25°C
A
T = 75°C
A
T = 0°C
A
T = 150°C
A
T = -40°C
A
Figure 2 Typical Forward Characteristics, Per Element
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90 100
Figure 3 Typical Reverse Characteristics, Per Element
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 75°C
A
T = 0°C
A
T = 150°C
A
T = -40°C
A
T = 125°C
A
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0
5
10
15
20
25
30
35
40
f=1MHz
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage, Per Element
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com