Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS516
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS516 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS516 Datasheet HTML 1Page - Diodes Incorporated BAS516 Datasheet HTML 2Page - Diodes Incorporated BAS516 Datasheet HTML 3Page - Diodes Incorporated BAS516 Datasheet HTML 4Page - Diodes Incorporated BAS516 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS516(LS)
Document number: DS44427 Rev. 1 - 2
1 of 5
www.diodes.com
March 2022
© 2022 Diodes Incorporated. All Rights Reserved.
BAS516(LS)
SURFACE MOUNT
FAST SWITCHING DIODE
REVERSE VOLTAGE
– 75 Volts
FORWARD CURRENT
– 0.25 Ampere
FEATURES
• Fast switching speed
• Low reverse leakage current
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device
(Note 3)
MECHANICAL DATA
• Package: SOD-523 plastic
• Package material: “Green” molding compound, UL
flammability classification 94V-0, (No Br. Sb. CI)
• Moisture sensitivity: Level 1 per J-STD-020
SOD-523
SOD-523
Dim.
Min.
Max.
A
0.50
0.77
b
0.25
0.35
c
0.07
0.20
D
1.10
1.30
E
0.70
0.90
H
1.50
1.70
Dimensions in millimeter
Maximum Ratings & Thermal Characteristics @ TA = +25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Forward Continuous Current
@ Ts = 90℃ (Note 4)
IFM
250
mA
Peak Forward Surge Current
@ t = 1s
IFSM
0.5
A
Repetitive Peak Forward Current
IFRM
0.5
A
Total Power Dissipation
@ Ts = 90℃ (Note 4)
Ptot
500
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Electrical Characteristics @ TA = +25℃ unless otherwise specified
Characteristic
Test Condition
Symbol
Value
Unit
Maximum Forward Voltage
IF = 150mA
VF
1.25
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VR = 75V
IR
1
μA
Maximum Total Capacitance
VR = 0V, f = 1MHz
CT
1
pF
Maximum Reverse Recovery Time
VR = 6V
IR = IF = 10mA
RL =
100Ω
trr
4
ns
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony
compounds.
4. Ts is the temperature at the soldering point of the cathode tab.
Green


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com