Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS521Q
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS521Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS521Q Datasheet HTML 1Page - Diodes Incorporated BAS521Q Datasheet HTML 2Page - Diodes Incorporated BAS521Q Datasheet HTML 3Page - Diodes Incorporated BAS521Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS521Q
Document number: DS40045 Rev. 1 - 2
3 of 4
www.diodes.com
September 2017
© Diodes Incorporated
BAS521Q
0.1
1
10
100
1,000
10,000
100,000
0
50
100
150
200
250
300
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
T = -
ºC
A
55
T = 25ºC
A
T = 5ºC
A
8
T = 125ºC
A
T = 150ºC
A
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
R0.1
He
E
b
D
A
c
L
7°
9°
c
c
SOD523
Dim
Min
Max
A
0.55
0.65
b
0.26
0.34
c
0.11
0.17
D
0.75
0.85
E
1.15
1.25
He
1.55
1.65
L
0.10
0.30
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Dimensions Value (in mm)
G
0.80
X
0.60
X1
2.00
Y
0.70
X1
Y
X
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com