Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70TWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS70TWQ
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70TWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS70TWQ Datasheet HTML 1Page - Diodes Incorporated BAS70TWQ Datasheet HTML 2Page - Diodes Incorporated BAS70TWQ Datasheet HTML 3Page - Diodes Incorporated BAS70TWQ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70TWQ /DW-04Q
Document Number: DS40985 Rev. 2 - 2
2 of 5
www.diodes.com
March 2022
© 2022 Diodes Incorporated. All Rights Reserved.
BAS70TWQ /DW-04Q
Marking Information
Date Code Key
Year
2018
…
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
Code
F
…
J
K
L
M
N
O
P
R
S
T
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 6)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient Air (Note 7)
RJA
625
C/W
Operating and Storage Temperature Range
TJ
TSTG
-55 to +125
-65 to +125
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
70
V
IR = 10µA
Forward Voltage
VF
410
1000
mV
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Reverse Current (Note 6)
IR
100
nA
tp < 300µs, VR = 50V
Total Capacitance
CT
2.0
pF
VR = 0V,
f = 1.0MHz
Reverse Recovery Time
tRR
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
IRR= 0.1 x IR, RL = 100Ω
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
Kxx = Product Type Marking Code
For Symmetrical Configuration, No Orientation Indicator
K73 = BAS70TWQ, K74 = BAS70DW-04Q
YM = Date Code Marking
Y = Year (ex: J = 2022)
M = Month (ex: 5 = May)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com