Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54LPQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54LPQ
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPQ Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54LPQ Datasheet HTML 1Page - Diodes Incorporated BAT54LPQ Datasheet HTML 2Page - Diodes Incorporated BAT54LPQ Datasheet HTML 3Page - Diodes Incorporated BAT54LPQ Datasheet HTML 4Page - Diodes Incorporated BAT54LPQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT54LPQ
Document number: DS42046 Rev. 2 - 2
2 of 5
www.diodes.com
October 2019
© Diodes Incorporated
BAT54LPQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
Average Rectified Output Current
IO
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
400
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
30
V
IR = 100µA
Forward Voltage
VF
240
mV
IF = 0.1mA
320
IF = 1mA
400
IF = 10mA
500
IF = 30mA
1,000
IF = 100mA
Reverse Leakage Current (Note 6)
IR
2.0
µA
VR = 25V
Total Capacitance
CT
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
tRR
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com