Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCX01DN Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ASCX01DN
Description  Microstructure Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASCX01DN Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ASCX01DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microstructure Pressure Sensors
Signal Conditioned
0 psi to 1 psi up to 0 psi to 150 psi
ASCX Series
FEATURES
• 5 Vdc Supply
• High Level Voltage Output
• Field Interchangeable
• Calibrated and
Temperature
Compensated
• Small Form Factor
• Low Power
• Offset Adjust
TYPICAL APPLICATIONS
• Medical Equipment
• Industrial Controls
• Pneumatic Controls
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
This series is a signal-conditioned version of Honeywell’s proven performer
and industry leading SCX series sensor.
This amplified ASCX device is in a package the same as the SCX but it
offers a high level (4.5 V span) output on a very cost-effective basis. This
family is fully calibrated and temperature compensated over a range of 0 °C
to 70 °C [32
°F to 158 °F] but can be operated from -25 °C to 105 °C [-13 °F
to 221
°F]. These sensors are intended for use with non-corrosive, non-ionic
working fluids such as air and dry gases.
Devices are available to measure absolute, differential and gage pressures
from 1 psi (ASCX01) up to 150 psi (ASCX150). The absolute devices (A)
have an internal vacuum reference and an output voltage proportional to
absolute pressure. Differential devices (D) allow application of pressure to
either side of the sensing diaphragm and can be used for gage or differential
pressure measurements.
The ASCX series devices feature an integrated circuit (IC) sensor element
and laser trimmed thick film ceramic housed in a compact solvent resistant
case. It provides excellent corrosion resistance and isolation to external
packaging stresses. The package has convenient mounting holes and
pressure ports for ease of use with standard plastic tubing for pressure
connection.
All ASCX devices are calibrated for span to within ± 1 % (typically ± 0.2 %)
of FSO. The devices are characterized for operation from a single 5 volt
supply although sensitivity is ratiometric to the supply voltage and any
dc supply from 5 Vdc to 16 Vdc is acceptable.
The ACSX series requires very low quiescent current compared to other
signal conditioned pressure sensors, thus, this series is ideal for battery-
powered applications.
The 100 microseconds response time makes this series an excellent choice
for computer peripherals and pneumatic control applications.
Contact your local honeywell representative, or go to Honeywell’s website at
www.honeywell.com/sensing for additional details.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do not
use this document as a product installation guide.
• Complete installation, operation, and maintenance information is provided in
the instructions supplied with each product.
Failure to comply with these instructions could result in death or serious
injury.
Sensing and Control


Similar Part No. - ASCX01DN

ManufacturerPart #DatasheetDescription
logo
ams AG
ASCX-00 AMSCO-ASCX-00 Datasheet
1Mb / 24P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
logo
OSRAM GmbH
ASCX-00 OSRAM-ASCX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
logo
ams-OSRAM AG
ASCX-00 AMSOSRAM-ASCX-00 Datasheet
1Mb / 25P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results

Similar Description - ASCX01DN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
List of Unclassifed Man...
26PCSMT ETC1-26PCSMT Datasheet
69Kb / 4P
Microstructure Pressure Sensors
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
logo
Honeywell Solid State E...
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Honeywell Accelerometer...
HPX100AS HONEYWELL-ACC-HPX100AS Datasheet
300Kb / 4P
Microstructure Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com