Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64SW-7-F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BAT64SW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT64SW-7-F Datasheet(HTML) 4 Page - Diodes Incorporated

  BAT64SW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT64SW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT64SW-7-F Datasheet HTML 3Page - Diodes Incorporated BAT64SW-7-F Datasheet HTML 4Page - Diodes Incorporated BAT64SW-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT64W /AW /CW /SW
Document number: DS38404 Rev. 5 - 2
4 of 5
www.diodes.com
November 2018
© Diodes Incorporated
BAT64W /AW /CW /SW
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT323
SOT323
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
0.95
b
0.25
0.40
0.30
c
0.10
0.18
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
e1
1.20
1.40
1.30
F
0.375 0.475
0.425
L
0.25
0.40
0.30
a
0°
8°
—
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT323
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.470
Y
0.600
Y1
2.500
a
E1
E
F
e1
b
L
c
e
A2
A1
D
Y1
G
Y
X
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com