Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7380 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices AD7380 Datasheet HTML 32Page - Analog Devices AD7380 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
REGISTERS
analog.com
Rev. 0 | 29 of 33
Table 19. Bit Descriptions for CONFIGURATION1 Register
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers section for
further details.
0x0
R/W
[11:10]
RESERVED
Reserved.
0x0
R
9
OS_MODE
Oversampling Mode. Sets the oversampling mode of the ADC.
0x0
R/W
0: normal averaging.
1: rolling average.
[8:6]
OSR
Oversampling Ratio. Sets the oversampling ratio for all the ADCs in the relevant mode. Normal averaging mode
supports oversampling ratios of 2×, 4×, 8×, 16×, and 32×. Rolling average mode supports oversampling ratios of
2×, 4×, and 8×.
0x0
R/W
000: disabled.
001: 2×.
010: 4×.
011: 8×.
100: 16×.
101: 32×.
110: disabled.
111: disabled.
5
CRC_W
CRC Write. Controls the CRC functionality for the SDI interface When setting this bit from a 0 to a 1, the command
must be followed by a valid CRC to set this configuration bit. If a valid CRC is not received, the entire frame is
ignored. If the bit is set to 1, it requires a CRC to clear it to 0.
0x0
R/W
0: no CRC function.
1: CRC function.
4
CRC_R
CRC Read. Controls the CRC functionality for the SDOx interface.
0x0
R/W
0: no CRC function.
1: CRC function.
3
ALERT_EN
Enable Alert Indicator Function. This bit functions when the SDO bit = 01. Otherwise, the ALERT_EN bit is
ignored.
0x0
R/W
0: SDOB.
1: ALERT.
2
RES
Resolution. Sets the size of the conversion result data. If OSR = 0, the RES bit is ignored, and the resolution is set
to default resolution.
0x0
R/W
0: normal resolution.
1: 2-bit higher resolution.
1
REFSEL
Reference Select. Selects the ADC reference voltage source.
0x0
R/W
0: selects internal reference.
1: selects external reference.
0
PMODE
Power-Down Mode. Sets the power modes.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com