Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5000ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAR5000ACBZ-R7
Description  17 GHz to 32 GHz, 4-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5000ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADAR5000ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAR5000ACBZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
ADAR5000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 7 of 9
Figure 11. Output Return Loss P1 vs. Frequency over Temperature
Figure 12. Isolation vs. Frequency
Figure 13. Isolation P2 to P1 vs. Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com