Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2D Datasheet(PDF) 3 Page - AIMTEC

Part # AM2D
Description  2 watt dc-dc converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D Datasheet(HTML) 3 Page - AIMTEC

  AM2D Datasheet HTML 1Page - AIMTEC AM2D Datasheet HTML 2Page - AIMTEC AM2D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
35
VISIT US AT WWW.AIMTEC.CA
AM2D Series
MODELS
Dual output (continued)
Models
Isolation 1000VDC Isolation 3000VDC
Isolation 4000VDC
Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current
max.
AM2D-1215D
AM2D-1218D
AM2D-1224D
AM2D-2403D
AM2D-2405D
AM2D-2407D
AM2D-2409D
AM2D-2412D
AM2D-2415D
AM2D-2418D
AM2D-2424D
AM2D-1215DH30
AM2D-1218DH30
AM2D-1224DH30
AM2D-2403DH30
AM2D-2405DH30
AM2D-2407DH30
AM2D-2409DH30
AM2D-2412DH30
AM2D-2415DH30
AM2D-2418DH30
AM2D-2424DH30
AM2D-1215DH40
AM2D-1218DH40
AM2D-1224DH40
AM2D-2403DH40
AM2D-2405DH40
AM2D-2407DH40
AM2D-2409DH40
AM2D-2412DH40
AM2D-2415DH40
AM2D-2418DH40
AM2D-2424DH40
AM2D-1215DH52
AM2D-1218DH52
AM2D-1224DH52
AM2D-2403DH52
AM2D-2405DH52
AM2D-2407DH52
AM2D-2409DH52
AM2D-2412DH52
AM2D-2415DH52
AM2D-2418DH52
AM2D-2424DH52
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
12V±10%
24V±10%
±67mA
±55mA
±42mA
±200mA
±200mA
±139mA
±111mA
±83mA
±67mA
±55mA
±42mA
Models
Isolation 1000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM2D-050303D
AM2D-050505D
AM2D-050707D
AM2D-050909D
AM2D-051212D
AM2D-051515D
AM2D-051818D
AM2D-052424D
AM2D-120303D
AM2D-120505D
AM2D-120707D
AM2D-120909D
AM2D-121212D
AM2D-121515D
AM2D-121818D
AM2D-122424D
AM2D-240303D
AM2D-240505D
AM2D-240707D
AM2D-240909D
AM2D-241212D
AM2D-241515D
AM2D-241818D
AM2D-242424D
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
Dual separate output
5V±10%
12V±10%
24V±10%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com