Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201A103C6PB4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 0201A103C6PB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

0201A103C6PB4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  0201A103C6PB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0201A103C6PB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0201A103C6PB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0201A103C6PB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0201A103C6PB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0201A103C6PB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Insulation Resistance
(IR)
C
≤.01uF:IR≥1000GΩ
C>.01uF:IR
≥1000/C
Apply rated voltage for 60 seconds at room temperature and
normal humidity (70%RH max)
Dielectric Withstand
Voltage
No evidence of damage or flashover during
the test.
Apply 2.5 times rated voltage for 5 seconds, charge and
discharge current <50mA.
Life Test
(high
temperature
loading test)
DC
Class 1: No more than ±3% or ±0.3pF
whichever is less
Class 2: X7R: ±10% max
Y5V: ±20% max
Apply two times rated voltage at max operating temperature
for 1000 hrs, surge current not exceeding 50mA. Samples
measured after being stored at room temperature for 24 hours
(Class1), or 48 hours (Class 2).
Q or DF
Class 1: C<10pf: Q
≥200+10xC
10<C<30pF: Q
≥275+5/2C
C
≥30pF: Q≥350
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
1000M
Ω or 50ΩF minimum, whichever is
less
Moisture
Resistance
Test
DC
Class 1: No more than ±5% or ±0.5pF
whichever is larger
Class 2: X7R: ±10% max
Y5V: ±30% max
Test samples subjected to 40°C, 90-95% RH for 500 hours.
Samples measured after being stored at room temperature for
24 hours (class 1), or 48 hours (Class2 ).
Q or DF
Class 1: C<10pf: Q
≥200+10xC
10<C<30pF: Q
≥275+5/2C
C
≥30pF: Q≥350
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
1000M
Ω or 50ΩF minimum, whichever is
less
Moisture
Resistance
Load Test
DC
Class 1: No more than ±7.5% or ±0.75pF
whichever is larger
Class 2: X7R: ±10% max
Y5V: ±30% max
Test samples subjected to rated voltage at 40°C, 90-95% RH
for 500 hours, surge current not exceeding 50mA. Samples
measured after being stored at room temperature for 24 hours
(class 1), or 48 hours (Class 2).
Q or DF
Class 1: C<30pf: Q
≥100+100/3xC
C
≥30pF: Q≥200
Class 2: X7R: DF
≤5%
Y5V: DF
≤7.5%
IR
500M
Ω or 25ΩF minimum, whichever is less
Temperature
Cycle
DC
Class 1: No more than ±2.5% or ±0.25pF
whichever is larger
Class 2: X7R: ±5% max
Y5V: ±20% max
5 cycles are done as follows:
1. 15 minutes at room temperature
2. 30 minutes at minimum rated temperature.
3.30 minutes at room temperature.
4.30 minutes at maximum rated temperature.
After 5 cycles, samples measured after being stored at room
temperature for 24 hours (Class 1) or 48 hours (Class 2).
Q or DF As originally specified.
IR
As originally specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com