Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3F Datasheet(PDF) 2 Page - AIMTEC

Part # AM3F
Description  3 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3F Datasheet(HTML) 2 Page - AIMTEC

  AM3F Datasheet HTML 1Page - AIMTEC AM3F Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
VISIT US AT WWW.AIMTEC.CA
AM3F Series
MODELS
Single output
Models
Isolation 1000VDC Isolation 3000VDC Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM3F-0503S
AM3F-0505S
AM3F-0507S
AM3F-0509S
AM3F-0512S
AM3F-0515S
AM3F-0518S
AM3F-0524S
AM3F-1203S
AM3F-1205S
AM3F-1207S
AM3F-1209S
AM3F-1212S
AM3F-1215S
AM3F-1218S
AM3F-1224S
AM3F-2403S
AM3F-2405S
AM3F-2407S
AM3F-2409S
AM3F-2412S
AM3F-2415S
AM3F-2418S
AM3F-2424S
AM3F-0503SH30
AM3F-0505SH30
AM3F-0507SH30
AM3F-0509SH30
AM3F-0512SH30
AM3F-0515SH30
AM3F-0518SH30
AM3F-0524SH30
AM3F-1203SH30
AM3F-1205SH30
AM3F-1207SH30
AM3F-1209SH30
AM3F-1212SH30
AM3F-1215SH30
AM3F-1218SH30
AM3F-1224SH30
AM3F-2403SH30
AM3F-2405SH30
AM3F-2407SH30
AM3F-2409SH30
AM3F-2412SH30
AM3F-2415SH30
AM3F-2418SH30
AM3F-2424SH30
AM3F-0503SH52
AM3F-0505SH52
AM3F-0507SH52
AM3F-0509SH52
AM3F-0512SH52
AM3F-0515SH52
AM3F-0518SH52
AM3F-0524SH52
AM3F-1203SH52
AM3F-1205SH52
AM3F-1207SH52
AM3F-1209SH52
AM3F-1212SH52
AM3F-1215SH52
AM3F-1218SH52
AM3F-1224SH52
AM3F-2403SH52
AM3F-2405SH52
AM3F-2407SH52
AM3F-2409SH52
AM3F-2412SH52
AM3F-2415SH52
AM3F-2418SH52
AM3F-2424SH52
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
5V±10%
12V±10%
24V±10%
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com