Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201A103CYPB4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0201A103CYPB4
Description  Multilayer Ceramic Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

0201A103CYPB4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0201A103CYPB4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0201A103CYPB4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0201A103CYPB4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0201A103CYPB4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0201A103CYPB4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0201A103CYPB4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Multilayer Ceramic Chip Capacitors
Part Number System
0805 C 104 K 5 N T 4
1
2
3
4
5
6
7 8
1. Size Code-Standard
Size
Length (mm)
Width (mm)
Thickness (mm)
0201
0.60±0.03
0.30±0.03
0.30±0.03
0402
1.00±0.05
0.50±0.05
0.90 max
0603
1.6±0.20
0.8±0.20
0.90 max
0805
2.0±0.20
1.25±0.20
1.40 max
1206
3.2±0.20
1.6±0.20
1.30 max
1210
3.2±0.20
2.5±0.20
1.90 max
1808
4.5±0.40
2.0±0.20
1.90 max
1812
4.5±0.50
3.2±0.40
2.50 max
1825
4.5±0.50
6.3±0.50
2.50 max
2220
5.6±0.40
5.0±0.50
2.50 max
2225
5.6±0.50
6.3±0.50
2.50 max
3035
7.6±0.50
9.0±0.50
3.00 max
Note: 1825 package is available by special order only. Contact your local distributor for available
C-V combinations.
Thickness dimensions apply to parts rated 100 WVDC or less, and in the standard ranges. For
higher voltage ratings, please contact us. For extended range, see the appropriate chart.
2. Temperature Coefficient
Letter
EIA
Code
Temperature
Coefficient
TC Tolerance
Operating
Temperature
A
COG
0 ppm/°C
±30 ppm/°C
-55~+125°C
B
X5R
±10%
N/A
-55~+85°C
C
X7R
±15%
N/A
-55~+125°C
E
Z5U
+22~-56%
N/A
+10~+85°C
G
Y5V
+22~-82%
N/A
-30~+85°C
Note: Z5U is being phased out of production. Please substitute Y5V product.
3. Capacitance Value Code
The three-digit code represents the value in picofarads (pF). The first two digits are significant
figures and the last
digit specifies the number of zeros following the first two. For values below 10pf, the letter "R"
designates the decimal point.
Example:
2R2=2.2pF • 471=470pF • 103=.01uF


Similar Part No. - 0201A103CYPB4

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0201A104A WALSIN-0201A104A Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
Multicomp Pro
0201A104A MULTICOMP-0201A104A Datasheet
1Mb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
08/05/25 V1.0
logo
WALSIN TECHNOLOGY CORPO...
0201A104A100CG WALSIN-0201A104A100CG Datasheet
5Mb / 22P
High capacitance in given case size
0201A104A100CT WALSIN-0201A104A100CT Datasheet
5Mb / 22P
High capacitance in given case size
0201A104A101CG WALSIN-0201A104A101CG Datasheet
5Mb / 22P
High capacitance in given case size
More results

Similar Description - 0201A103CYPB4

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com