Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSSC1 Datasheet(PDF) 1 Page - ITT Industries

Part # EDSSC1
Description  ED Domes and EDM Domes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

EDSSC1 Datasheet(HTML) 1 Page - ITT Industries

  EDSSC1 Datasheet HTML 1Page - ITT Industries EDSSC1 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ED Domes and EDM Domes
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
A-36
ED
ED, the disc contact is a momentary
tact switch with short travel and good
tactile feedback. Direct mounting on a
printed circuit board is possible.
In that case, the dome must be
actuated by a soft actuator of 3.0 mm
(0.118) minimum diameter. The
ED dome is available in various types
of modules and is the main component
of several switches presented in this
catalog.
Self-cleaning system:
The contact is made on at least 3 points
of the lower diaphragm, these 3 points
of contacts are always different at each
new switch action. During the switching
movement, the upper disc slides on the
lower diaphragm, ensuring the contact’s
self-cleaning.
EDM
The EDM is available in 4 versions:
EDM 450 AU
EDM 650 AU
EDM 450 AG
EDM 650 AG
The EDM Multi Dome Series was
developed for low profile applications
needing increased tactile response
and high performance specifications.
Applications range from aircraft instru-
ment panels to radio keypads. This high
performance dome switch combines our
reliable ED contact system with added
tactile domes for forces of 4.5N
(450 grams) and 6.5N (650 grams).
Main features
Gold (Au) or silver (Ag) contacts
Two different operating forces
Low profile
Compact PWB spacing
Proven application in avionics
Construction
ED
EDM
Function
Momentary
Momentary
Contact arrangement
1 make contact = SPST
1 make contact=SPST,NO
Distance between button
12.7 (0.500 )
12.7 (0.500 ) centers, min.
Terminals
PC pins or tabs
PC pins or tabs
Electrical data
Silver
Gold
Switching power max. AC/DC
6 W
3 W
3 W
Switching voltage max. AC/DC
100 V
100 V
100 V DC
Switching current max. AC/DC
100 mA
50 mA
50 mA
Carrying current max. AC/DC
250 mA
250 mA
Dielectric strength (50 Hz/1 Min.)
300 V
300 V
300 V
Operating life with max. switching
106 operations
5
106 operations
power
Contact resistance
10 m
Ω
15 m
Ω
15 m
Ω
Insulation resistance (100 V)
1011
Ω
1011
Ω
1011
Ω
Contact bounce
100 µs
100 µs
1ms
Mechanical data
ED
EDM
Switching travel
0.3 (0.012 )
0.4 (0.0157 )
Max. admissible 0.5
Max. admissible 0.5
(0.02)
(0.0197)
Operating force
2.4N ± 25%
4.5N (450 grams) ±25%
(240 grams ± 25%)
6.5N (650 grams) ±25%
Further data
Contact material
Silver plated, Gold plated
Ag (silver plated)
Au (gold plated)
Operating temperature
– 25°C to + 70°C
-55°C to +85°C
Storage temperature
– 40°C to + 85°C
-55°C to + 85°C
Material
housing
Thermoplastic
contact base
Phosphor bronze
plating of contact area
1.5 microns gold (G)
Climatic data
Climatic category (days)
10 for silver version
56 for gold version
Soldering by static bath
255°C for 5 seconds
Ordering code: see next page.


Similar Part No. - EDSSC1

ManufacturerPart #DatasheetDescription
logo
C&K Components
EDSSC1LFG CK-COMPONENTS-EDSSC1LFG Datasheet
618Kb / 2P
ED & EDM Dome Series
EDSSC1LFG CK-COMPONENTS-EDSSC1LFG Datasheet
618Kb / 2P
ED & EDM Dome Series
EDSSC1LFS CK-COMPONENTS-EDSSC1LFS Datasheet
618Kb / 2P
ED & EDM Dome Series
More results

Similar Description - EDSSC1

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
ED CORES
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
Qualifi ed Connectors
CB10A1L0 GLENAIR-CB10A1L0 Datasheet
647Kb / 10P
Qualifi ed Connectors
logo
C&K Components
EDSACLFS CK-COMPONENTS-EDSACLFS Datasheet
618Kb / 2P
ED & EDM Dome Series
logo
Glenair, Inc.
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
VG95351 and VG96934 Qualifi ed Connectors
logo
C&K Components
EDSSC0LFS CK-COMPONENTS-EDSSC0LFS Datasheet
618Kb / 2P
ED & EDM Dome Series
logo
List of Unclassifed Man...
AXISP33 ETC2-AXISP33 Datasheet
750Kb / 4P
Fixed domes for any environment with remote focus and zoom.
logo
PHOENIX CONTACT
2905641 PHOENIX-2905641 Datasheet
75Kb / 4P
Screw shafts with raised domes to ensure safe working
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
ED & EDM Domes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com