Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3N-1218D-R Datasheet(PDF) 2 Page - AIMTEC

Part # AM3N-1218D-R
Description  3 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-1218D-R Datasheet(HTML) 2 Page - AIMTEC

  AM3N-1218D-R Datasheet HTML 1Page - AIMTEC AM3N-1218D-R Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
MODELS
AM3N-D Series
Models
Isolation 1000VDC Isolation 3000VDC Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM3N-0503D-R
AM3N-0505D-R
AM3N-0507D-R
AM3N-0509D-R
AM3N-0512D-R
AM3N-0515D-R
AM3N-0518D-R
AM3N-0524D-R
AM3N-1203D-R
AM3N-1205D-R
AM3N-1207D-R
AM3N-1209D-R
AM3N-1212D-R
AM3N-1215D-R
AM3N-1218D-R
AM3N-1224D-R
AM3N-2403D-R
AM3N-2405D-R
AM3N-2407D-R
AM3N-2409D-R
AM3N-2412D-R
AM3N-2415D-R
AM3N-2418D-R
AM3N-2424D-R
AM3N-0503DH30-R
AM3N-0505DH30-R
AM3N-0507DH30-R
AM3N-0509DH30-R
AM3N-0512DH30-R
AM3N-0515DH30-R
AM3N-0518DH30-R
AM3N-0524DH30-R
AM3N-1203DH30-R
AM3N-1205DH30-R
AM3N-1207DH30-R
AM3N-1209DH30-R
AM3N-1212DH30-R
AM3N-1215DH30-R
AM3N-1218DH30-R
AM3N-1224DH30-R
AM3N-2403DH30-R
AM3N-2405DH30-R
AM3N-2407DH30-R
AM3N-2409DH30-R
AM3N-2412DH30-R
AM3N-2415DH30-R
AM3N-2418DH30-R
AM3N-2424DH30-R
AM3N-0503DH52-R
AM3N-0505DH52-R
AM3N-0507DH52-R
AM3N-0509DH52-R
AM3N-0512DH52-R
AM3N-0515DH52-R
AM3N-0518DH52-R
AM3N-0524DH52-R
AM3N-1203DH52-R
AM3N-1205DH52-R
AM3N-1207DH52-R
AM3N-1209DH52-R
AM3N-1212DH52-R
AM3N-1215DH52-R
AM3N-1218DH52-R
AM3N-1224DH52-R
AM3N-2403DH52-R
AM3N-2405DH52-R
AM3N-2407DH52-R
AM3N-2409DH52-R
AM3N-2412DH52-R
AM3N-2415DH52-R
AM3N-2418DH52-R
AM3N-2424DH52-R
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
5V±10%
12V±10%
24V±10%
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA
±400mA
±300mA
±208mA
±167mA
±125mA
±100mA
±84mA
±63mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com