Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3N-2403D-R Datasheet(PDF) 1 Page - AIMTEC

Part # AM3N-2403D-R
Description  3 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-2403D-R Datasheet(HTML) 1 Page - AIMTEC

  AM3N-2403D-R Datasheet HTML 1Page - AIMTEC AM3N-2403D-R Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM3N-D Series
3 watt dc-dc converters
• DUAL REGULATED OUTPUTS
• 24 PIN DIP PACKAGE
• LOW RIPPLE & NOISE
• HIGH EFFICIENCY UP TO 80%
• LOW PROFILE PACKAGING
• INPUT/OUTPUT ISOLATION: 1000, 3000 & 5200VDC
• 5200VDC ISOLATION, PLASTIC CASE
• OPERATING TEMPERATURE: -25°C ... +71°C
• CONTINUOUS SHORT CIRCUIT PROTECTION
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM3N-D series is a family of cost effective 3W dual
output DC/DC converters. These converters combines
miniature package in a 24-pin DIP compatible case with
high performance features such as 1000, 3000 &
5200VDC input/output isolation voltage, continuous short
circuit protection with automatic restart and tight line/load
regulation. Seventy two models operate from input volt-
ages of 5, 12 & 24VDC with producing output voltage
levels of ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC.
Full SMD-design and a 100% production test of parame-
ters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
General Specifications:
Efficiency
66% to 80%
Switching Frequency
250kHz, typ. 100% load
Input Specifications:
Voltage range
±10%
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.75x20.32x10.16 mm
1.25x0.8x0.4 inches
Weight
14.5 g
Case material
Nickel-Coated Copper
Case material @ 5200VDC
Plastic
Output Specifications:
Voltage accuracy
±2%, max.
Voltage balance
±1%
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature Coefficient
±0.02%/°C, typ.
MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1000, 3000 or 5200VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -25°C ... +71°C
Storage temperature
-40°C ... +125°C
Case Temperature
+90°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1000VDC
+V Input
-V Output
Common.
Common
+V Output
-V Input
-V Input
+V Output
Common
Common
-V Output
+V Input
+V Input
+V Input
Omitted
Common
Common
Omitted
-V Output
Omitted
+V Output
Omitted
-V Input
-V Input
1
2
3
10
11
12
13
14
15
22
23
24
3000 & 5200VDC
Picture
Available
Soon


Similar Part No. - AM3N-2403D-R

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3N-2403D-RZ AIMTEC-AM3N-2403D-RZ Datasheet
169Kb / 4P
3 Watt | DC-DC Converter
AM3N-2403D-RZ AIMTEC-AM3N-2403D-RZ Datasheet
504Kb / 4P
3 Watt | DC-DC Converter
More results

Similar Description - AM3N-2403D-R

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
3 watt dc-dc converters
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
3 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
3 WATT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com