Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS231G Datasheet(PDF) 1 Page - ITT Industries

Part # KSS231G
Description  Subminiature Side Actuated Tact Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSS231G Datasheet(HTML) 1 Page - ITT Industries

  KSS231G Datasheet HTML 1Page - ITT Industries KSS231G Datasheet HTML 2Page - ITT Industries KSS231G Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-17
B
KSS Series
Subminiature Side Actuated Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Features/Benefits
• Low profile of 1.6 mm
• Excellent tactile feel
• High shear force
• Range of actuation forces
• Large flat top
• Redundant contacts option
• Date code marking
Typical Applications
• Cellular phone
• PDA, pagers
• Industrial electronics
• Health diagnostic electronics
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: N.O.
TERMINALS: Gullwing & 3-Way type for SMT
Packaging
Switches are delivered in tape and reels of 3,000 pieces. The reel
diameter is is 330mm (12.992 x .15). The tape dimensions conform
to the EIA-RS-481 and CE-2863 norms.
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
Actuator
2 Standard, 1,1 (0.043)
3 Large, 1,8 (0.070)
Operating Force
2 2.0 N (200 grams)
3 2.5 N (250 grams)
4 4.0 N (400 grams)
K
S
S
Contact Material
1 Silver
3 Gold
Termination
G Gull wing, SPST
W 3 way, 4 redundant contacts
Operating force
Operating life
Travel
Type
Newtons (grams)
(operations)
KSS221G
2.0 (200) ± 25%
100,000
0,3 ± 0,15
KSS231G
2.5 (250) ± 20%
100,000
0,3 ± 0,10
KSS233W
2.5 (200) ± 25%
100,000
0,3 ± 0,15
KSS241G
4.0 (400) ± 25%
100,000
0,3 ± 0,15
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
50 VDC
50 VDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH:
≥ 250 VDC
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE (100 VDC):
≥ 109 Ω
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Infrared reflow in accordance with CECC00802


Similar Part No. - KSS231G

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSS231G CK-COMPONENTS-KSS231G Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
KSS231G CK-COMPONENTS-KSS231G Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
KSS231G CK-COMPONENTS-KSS231G Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
KSS231G CK-COMPONENTS-KSS231G Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
KSS231G CK-COMPONENTS-KSS231G Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
More results

Similar Description - KSS231G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KSR212GLFS CK-COMPONENTS-KSR212GLFS Datasheet
158Kb / 2P
Subminiature Tact Switch for SMT
KSS341GLFS CK-COMPONENTS-KSS341GLFS Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
KSS321GLFS CK-COMPONENTS-KSS321GLFS Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
KSS231GLFS CK-COMPONENTS-KSS231GLFS Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSS CK-COMPONENTS-KSS_V01 Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com