Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM857BV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCM857BV
Description  45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT563
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCM857BV Datasheet(HTML) 2 Page - Diodes Incorporated

  BCM857BV Datasheet HTML 1Page - Diodes Incorporated BCM857BV Datasheet HTML 2Page - Diodes Incorporated BCM857BV Datasheet HTML 3Page - Diodes Incorporated BCM857BV Datasheet HTML 4Page - Diodes Incorporated BCM857BV Datasheet HTML 5Page - Diodes Incorporated BCM857BV Datasheet HTML 6Page - Diodes Incorporated BCM857BV Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCM857BV
Datasheet number: DS37433 Rev. 4 - 2
2 of 7
www.diodes.com
June 2022
© Diodes Incorporated
BCM857BV
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Base Current
IBM
-200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation. Total Device (Note 6)
PD
500
mW
Power Dissipation. Single Transistor (Note 7)
PD
357
mW
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
+250
°C/W
Thermal Resistance, Junction to Ambient Air (Note 7)
RθJA
+350
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device with two active die running at equal power, mounted on minimum recommended pad layout with 1oz copper that is on a single-sided
1.6mm FR4 PCB; the device is measured under still air conditions whilst operating in a steady-state.
7. Same as Note 6 except for only one active die running.
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com