Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1784CS6 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1784CS6
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1784CS6 Datasheet(HTML) 5 Page - Linear Technology

  LT1784CS6 Datasheet HTML 1Page - Linear Technology LT1784CS6 Datasheet HTML 2Page - Linear Technology LT1784CS6 Datasheet HTML 3Page - Linear Technology LT1784CS6 Datasheet HTML 4Page - Linear Technology LT1784CS6 Datasheet HTML 5Page - Linear Technology LT1784CS6 Datasheet HTML 6Page - Linear Technology LT1784CS6 Datasheet HTML 7Page - Linear Technology LT1784CS6 Datasheet HTML 8Page - Linear Technology LT1784CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1784
SUPPLY VOLTAGE (V)
24
8
12
16
18
1784 G01
6
10
14
700
650
600
550
500
450
400
350
300
TA = 125°C
TA = 25°C
TA = –55°C
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V, Measured at VO = ±2V
1.3
2.2
V/
µs
0
°C ≤ TA ≤ 70°C
q
1.2
V/
µs
–40
°C ≤ TA ≤ 85°C
q
1.1
V/
µs
FPBW
Full-Power Bandwidth (Note 9)
VOUT = 8VP-P
94
kHz
tS
Settling Time
VS = 5V, ∆VOUT = 4V to 0.1%, AV = 1
3.4
µs
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = ±5V, VCM = 0V,VOUT = 0V, for the 6-lead part VPIN5 = V
–, pulse power tested unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±5V or VS = ±9V tests.
Note 4: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±5V or VS = ±9V tests.
Note 5: Guaranteed by correlation to slew rate at VS = ±5V, and GBW at
VS = 5V and VS = ±5V tests.
Note 6: This specification implies a typical input offset voltage of 5.7mV at
VCM = 18V and a maximum input offset voltage of 18mV at VCM = 18V.
Note 7: This parameter is not 100% tested.
Note 8: Specifications apply to 6-lead SOT-23 with shutdown.
Note 9: Full-power bandwidth is calculated from the slew rate.
FPBW = SR/2
πVP.
Note 10: The LT1784C is guaranteed functional over the operating
temperature range – 40
°C to 85°C.
Note 11: The LT1784C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1784C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. LT1784I is guaranteed to meet specified
performance from – 40
°C to 85°C.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current vs Supply Voltage
Minimum Supply Voltage
Output Voltage vs Large Input
Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
1
5
1784 G02
2
3
4
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = 25°C
TA = –55°C
VIN (V)
–10
5
4
3
2
1
0
–2
6
10
1784 G03
–6
2
14
18
VS = 5V, 0V
+
–
5V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com